Electronic Components Datasheet Search
  English  ▼

X  

UBA20271 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # UBA20271
Description  350 V and 600 V Power ICs for dimmable compact fluorescent lamps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA20271 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button UBA20271 Datasheet HTML 9Page - NXP Semiconductors UBA20271 Datasheet HTML 10Page - NXP Semiconductors UBA20271 Datasheet HTML 11Page - NXP Semiconductors UBA20271 Datasheet HTML 12Page - NXP Semiconductors UBA20271 Datasheet HTML 13Page - NXP Semiconductors UBA20271 Datasheet HTML 14Page - NXP Semiconductors UBA20271 Datasheet HTML 15Page - NXP Semiconductors UBA20271 Datasheet HTML 16Page - NXP Semiconductors UBA20271 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
UBA20271_UBA20272
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2.1 — 12 October 2011
13 of 33
NXP Semiconductors
UBA20271/2
350 V and 600 V Power ICs for dimmable compact fluorescent lamps
7.3 Natural linear dimming
What determines the actual internal set point level used for the current control feedback
loop is an external level applied via the DCI pin for dimming. The DCI voltage is a function
of the phase cut angle of the applied dimmer. To ensure that the external input for the
control on the DCI pin internally stays within a certain range, this input signal passes an
internal linear to logarithmic conversion circuit followed by a limiting circuit.
The linear to logarithmic conversion circuit is designed to improve dimming control by
correcting for the higher sensitivity of the human eye to small changes in low light levels.
See Figure 10. The conversion circuit also provides a natural perceived linear brightness
adjustment of the lamp.
The limiting circuit prevents the signal falling below the MDL or rising above the 100 %
reference level of Vclamp(CSI). The output of the linear to logarithmic conversion circuit is
the actual reference voltage for the lamp current control loop. See signal VLD in Figure 1
(dimmer control block). When the IC is in the burn state, the voltage is equal to the RMS
voltage on the CSI pin. When the control loop is regulating correctly, the upper limit is
clamped at the 100 % reference level. This condition prevents lamp current values that
are too high in mains overvoltage situations. See Figure 10.
The MDL level presets a minimum to which the lamp current clips at low dim levels and is
adjustable via the MDL pin. An accurate minimum dimming voltage level is set by using an
internal reference current (derived from the internal band gap reference circuit and
resistor Rext(RREF)) and an applied external resistor RMDL on the MDL pin.
Fig 9.
Timing diagram preheat, ignition and overcurrent
001aam768
voltage
(V)
5 V
0 V
4.5 V
3.8 V
VCP
startup
time
preheat time
boost-burn
power down
overcurrent
fault time
CFL ignition
ignition
time
ignition
enabling time
time (s)
Vth(CP)max
Vth(CP)min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com