Electronic Components Datasheet Search
  English  ▼

X  

UBA20271 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # UBA20271
Description  350 V and 600 V Power ICs for dimmable compact fluorescent lamps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA20271 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button UBA20271 Datasheet HTML 22Page - NXP Semiconductors UBA20271 Datasheet HTML 23Page - NXP Semiconductors UBA20271 Datasheet HTML 24Page - NXP Semiconductors UBA20271 Datasheet HTML 25Page - NXP Semiconductors UBA20271 Datasheet HTML 26Page - NXP Semiconductors UBA20271 Datasheet HTML 27Page - NXP Semiconductors UBA20271 Datasheet HTML 28Page - NXP Semiconductors UBA20271 Datasheet HTML 29Page - NXP Semiconductors UBA20271 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
UBA20271_UBA20272
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2.1 — 12 October 2011
26 of 33
NXP Semiconductors
UBA20271/2
350 V and 600 V Power ICs for dimmable compact fluorescent lamps
Table 6.
Typical components for a 230 V mains application
Reference Component
Description
UBA20271
UBA20272
R1
10

10

2 W fusible resistor
R2, R3
110 k
220 k
R4
22 k
22 k
R5, R6
110 k
330 k
R7, R10
100 k
100 k
R8
560
1 k
R9
1 k
1 k
R11
39 k
39 k
RREF
33 k
; 1 %
33 k
; 1 %
RSLS
1
1.2
RMDL
1 k
1 k
RCSI
8.2
8.2
Adjust for nominal lamp
current
RLSAT
100 k
100 k
RLSAT depends on the
LSAT rating of the lamp
inductor
C1, C2
22 nF; 400 V
22 nF; 630 V
C3
3.3 nF; 1000 V
3.3 nF; 1000 V
C4
22
F; 250 V
10
F; 400 V
C5
6.8 nF; 1000 V
4.7 nF; 1000 V
lamp capacitor
C6, C14
470 nF
470 nF
C7
100 pF
100 pF
C8
22 nF; 400 V
47 nF; 400 V
C9
560 pF; 500 V
560 pF; 500 V
VDD charge pump
capacitor
C10
not mounted
not mounted
C11
4.7 nF
4.7 nF
C12
100 nF
100 nF
C13
470 nF
470 nF
C15
220 nF
220 nF
C16
not mounted
not mounted
C17
22 nF; 250 V
22 nF; 400 V
CCB
150 nF
150 nF
CCP
470 nF
470 nF
CCF
100 pF; 2 %
100 pF; 2 %
CLSAT
1 nF
1 nF
D1 to D4
1N4007
1N4007
D5, D6
1N4937
1N4937
D7
BZX84JC12
BZX84JC12
D8
1N4148
1N4148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com