Electronic Components Datasheet Search
  English  ▼

X  

UBA20271 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # UBA20271
Description  350 V and 600 V Power ICs for dimmable compact fluorescent lamps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA20271 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button UBA20271 Datasheet HTML 2Page - NXP Semiconductors UBA20271 Datasheet HTML 3Page - NXP Semiconductors UBA20271 Datasheet HTML 4Page - NXP Semiconductors UBA20271 Datasheet HTML 5Page - NXP Semiconductors UBA20271 Datasheet HTML 6Page - NXP Semiconductors UBA20271 Datasheet HTML 7Page - NXP Semiconductors UBA20271 Datasheet HTML 8Page - NXP Semiconductors UBA20271 Datasheet HTML 9Page - NXP Semiconductors UBA20271 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
UBA20271_UBA20272
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2.1 — 12 October 2011
6 of 33
NXP Semiconductors
UBA20271/2
350 V and 600 V Power ICs for dimmable compact fluorescent lamps
7.1 Lamp start-up cycle
7.1.1 Reset state
The UBA20271/2 are in a reset state while the supply voltage on the VDD pin is lower than
the VDD(rst) level. In the reset state, a part of the internal supply is turned off, all registers,
counters and timers are undefined. In addition, the hold state latch is reset and both the
high and low-side transistor are non-conductive. During power-up, the low voltage supply
capacitor on the VDD pin is charged via an external start-up resistor. When the voltage on
the VDD pin is higher than the VDD(rst) level, the start-up state is entered. The UBA20271/2
enters the reset state when the supply voltage on the VDD pin drops lower than VDD(rst).
7.1.2 Start-up state
Start-up is achieved by charging the low voltage supply capacitor on the VDD pin via an
external start-up resistor. At start-up the High-Side (HS) transistor is non-conductive and
the Low-Side (LS) is conductive to enable charging of the bootstrap capacitor. This
capacitor supplies the HS driver and level shifter circuit connected between the FS and
HBO pin. A DC reset circuit is incorporated in the ICs HS driver. This circuit ensures that
lower than the lockout voltage on the FS pin the output voltage (VGHS  VHBO) is zero.
As the start-up state is entered, the circuit only starts oscillating when the low voltage
supply (VDD) reaches the value of VDD(start) AND Vi(DCI) > Vth(start)DCI. The circuit starts
oscillating at fbridge(max).
The circuit enters the preheat state as soon as the capacitor on the CP pin is charged to a
voltage level higher than Vth(CP)max. To remain oscillating, the VDD voltage must remain
higher than VDD(stop) and lower than the upper limit VDD(clamp). In addition, the typical
voltage level on the DCI pin must be higher than Vth(start)DCI  Vth(hys)DCI = 0.24 V.
An UnderVoltage LockOut (UVLO) is implemented on the DCI pin to create a guaranteed
turn-off for multiple lamps when the lamps are at low dim levels. The UVLO also
guarantees that there is a preheat phase when the dim level is turned up again.
The typical turn-on level on the DCI pin is set to lower than Vth(start)DCI = 0.36 V, else it
would increase the turn-on hysteresis of the lamp. This level enables the UBA20271/2 to
perform a stable ignition of the lamp when there is already sufficient power from the
dimmer at lower dim levels.
During the start-up state, the voltage on the CF pin is at zero and the CB pin is close to
zero. The voltage on the CP pin rises to higher than Vth(CP)max level during the start-up
state. See Figure 9.
7.1.3 Preheat state
Starting at fbridge(max), the frequency decreases by charging capacitor CCI via an output
current circuit controlled by the preheat current sensor circuit. This state continues until
the momentary value of the voltage across sense resistor RSLS reaches the internally
fixed preheat voltage level (SLS pin). At this level, the current of the preheat current
sensor reaches a charge and discharge balanced state on capacitor CCI to set the
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com