Electronic Components Datasheet Search
  English  ▼

X  

UBA20271 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UBA20271
Description  350 V and 600 V Power ICs for dimmable compact fluorescent lamps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA20271 Datasheet(HTML) 2 Page - NXP Semiconductors

  UBA20271 Datasheet HTML 1Page - NXP Semiconductors UBA20271 Datasheet HTML 2Page - NXP Semiconductors UBA20271 Datasheet HTML 3Page - NXP Semiconductors UBA20271 Datasheet HTML 4Page - NXP Semiconductors UBA20271 Datasheet HTML 5Page - NXP Semiconductors UBA20271 Datasheet HTML 6Page - NXP Semiconductors UBA20271 Datasheet HTML 7Page - NXP Semiconductors UBA20271 Datasheet HTML 8Page - NXP Semiconductors UBA20271 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
UBA20271_UBA20272
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2.1 — 12 October 2011
2 of 33
NXP Semiconductors
UBA20271/2
350 V and 600 V Power ICs for dimmable compact fluorescent lamps
 Natural dimming curve by logarithmic correction
 Adjustable Minimum Dimming Level (MDL)
 Controlled lamp ON/OFF
2.5 Protection
 OverCurrent Protection (OCP) in boost and burn state
 Capacitive Mode Protection (CMP)
 OverPower Protection (OPP)
 Power-down function
 OverTemperature Protection (OTP)
2.6 Other features
 Current controlled operating in boost and burn state
 External power-down function
 Lamp flicker suppression
3.
Applications
 Dimmable compact fluorescent lamps for power levels from 5 W to 20 W directly
operating from 230 V (UBA20272) and 120 V (UBA20271) mains voltage.
4.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
UBA20271T/N1
SO20
Plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
UBA20272T/N1
SO20
Plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com