Electronic Components Datasheet Search
  English  ▼

X  

AT25SF321 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SF321 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button AT25SF321 Datasheet HTML 28Page - Renesas Technology Corp AT25SF321 Datasheet HTML 29Page - Renesas Technology Corp AT25SF321 Datasheet HTML 30Page - Renesas Technology Corp AT25SF321 Datasheet HTML 31Page - Renesas Technology Corp AT25SF321 Datasheet HTML 32Page - Renesas Technology Corp AT25SF321 Datasheet HTML 33Page - Renesas Technology Corp AT25SF321 Datasheet HTML 34Page - Renesas Technology Corp AT25SF321 Datasheet HTML 35Page - Renesas Technology Corp AT25SF321 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
31
AT25SF321
DS-25SF321–047F–8/2017
Figure 11-1. Read Manufacturer and Device ID
11.2 Read ID (Legacy Command) (90h)
Identification information can be read from the device to enable systems to electronically query and identify the device
while it is in system. The preferred method for doing so is the JEDEC standard “Read Manufacturer and Device ID (9Fh)”
method described in Section 11.1 on page 30; however, the legacy Read ID command is supported on the AT25SF321
to enable backwards compatibility to previous generation devices.
To read the identification information, the CS pin must first be asserted and the opcode of 90h must be clocked into the
device, followed by three dummy bytes. After the opcode has been clocked in followed by three dummy bytes, the device
will begin outputting the identification data on the SO pin during the subsequent clock cycles. The first byte that will be
output will be the Manufacturer ID of 1Fh followed by a single byte of data representing a device code of 15h. After the
device code is output, the sequence of bytes will repeat.
Deasserting the CS pin will terminate the Read ID operation and put the SO pin into a high-impedance state. The CS pin
can be deasserted at any time and does not require that a full byte of data read.
Table 11-3. Manufacturer and Device ID Details
Data Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Hex
Value
Details
Manufacturer ID
JEDEC Assigned Code
1Fh
JEDEC Code: 0001 1111 (1Fh for Adesto)
0
0
0
1
1
1
1
1
Device ID (Part 1)
Family Code
Density Code
87h
Family Code:100 (AT25SFxxx series)
Density Code: 00111 (32-Mbit)
1
0
0
0
0
1
1
1
Device ID (Part 2)
Sub Code
Product Version Code
01h
Sub Code: 000 (Standard series)
Product Version: 00001
0
0
0
0
0
0
0
1
SCK
CS
SI
SO
6
0
9Fh
8
7
OPCODE
1Fh
87h
01h
MANUFACTURER ID
DEVICE ID
BYTE1
DEVICE ID
BYTE2
HIGH-IMPEDANCE
14
16
15
22
24
23
30
32
31
Note: Each transition
shown for SI and SO represents one byte (8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com