Electronic Components Datasheet Search
  English  ▼

X  

AT25SF321 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SF321 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button AT25SF321 Datasheet HTML 13Page - Renesas Technology Corp AT25SF321 Datasheet HTML 14Page - Renesas Technology Corp AT25SF321 Datasheet HTML 15Page - Renesas Technology Corp AT25SF321 Datasheet HTML 16Page - Renesas Technology Corp AT25SF321 Datasheet HTML 17Page - Renesas Technology Corp AT25SF321 Datasheet HTML 18Page - Renesas Technology Corp AT25SF321 Datasheet HTML 19Page - Renesas Technology Corp AT25SF321 Datasheet HTML 20Page - Renesas Technology Corp AT25SF321 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
16
AT25SF321
DS-25SF321–047F–8/2017
7.2
Block Erase (20h, 52h, or D8h)
A block of 4, 32, or 64 Kbytes can be erased (all bits set to the logical “1” state) in a single operation by using one of three
different opcodes for the Block Erase command. An opcode of 20h is used for a 4-Kbyte erase, an opcode of 52h is used
for a 32-Kbyte erase, or D8h is used for a 64-Kbyte erase. Before a Block Erase command can be started, the Write
Enable command must have been previously issued to the device to set the WEL bit of the Status Register to a logical “1”
state.
To perform a Block Erase, the CS pin must first be asserted and the appropriate opcode (20h, 52h, or D8h) must be
clocked into the device. After the opcode has been clocked in, the three address bytes specifying an address within the
4- or 32- or 64-Kbyte block to be erased must be clocked in. Any additional data clocked into the device will be ignored.
When the CS pin is deasserted, the device will erase the appropriate block. The erasing of the block is internally self-
timed and should take place in a time of tBLKE.
Since the Block Erase command erases a region of bytes, the lower order address bits do not need to be decoded by the
device. Therefore, for a 4-Kbyte erase, address bits A11-A0 will be ignored by the device and their values can be either a
logical “1” or “0”. For a 32-Kbyte erase, address bits A14-A0 will be ignored by the device. For a 64-Kbyte erase, address
bits A15-A0 will be ignored by the device. Despite the lower order address bits not being decoded by the device, the
complete three address bytes must still be clocked into the device before the CS pin is deasserted, and the CS pin must
be deasserted on an byte boundary (multiples of eight bits); otherwise, the device will abort the operation and no erase
operation will be performed.
If the memory is in the protected state, then the Block Erase command will not be executed, and the device will return to
the idle state once the CS pin has been deasserted.
The WEL bit in the Status Register will be reset back to the logical “0” state if the erase cycle aborts due to an incomplete
address being sent, the CS pin being deasserted on uneven byte boundaries, or because a memory location within the
region to be erased is protected.
While the device is executing a successful erase cycle, the Status Register can be read and will indicate that the device
is busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting the tBLKE time to
determine if the device has finished erasing. At some point before the erase cycle completes, the WEL bit in the Status
Register will be reset back to the logical “0” state.
Figure 7-3. Block Erase
7.3
Chip Erase (60h or C7h)
The entire memory array can be erased in a single operation by using the Chip Erase command. Before a Chip Erase
command can be started, the Write Enable command must have been previously issued to the device to set the WEL bit
of the Status Register to a logical “1” state.
Two opcodes (60h and C7h) can be used for the Chip Erase command. There is no difference in device functionality
when utilizing the two opcodes, so they can be used interchangeably. To perform a Chip Erase, one of the two opcodes
must be clocked into the device. Since the entire memory array is to be erased, no address bytes need to be clocked into



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com