Electronic Components Datasheet Search
  English  ▼

X  

AT25SF321 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SF321 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button AT25SF321 Datasheet HTML 14Page - Renesas Technology Corp AT25SF321 Datasheet HTML 15Page - Renesas Technology Corp AT25SF321 Datasheet HTML 16Page - Renesas Technology Corp AT25SF321 Datasheet HTML 17Page - Renesas Technology Corp AT25SF321 Datasheet HTML 18Page - Renesas Technology Corp AT25SF321 Datasheet HTML 19Page - Renesas Technology Corp AT25SF321 Datasheet HTML 20Page - Renesas Technology Corp AT25SF321 Datasheet HTML 21Page - Renesas Technology Corp AT25SF321 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
17
AT25SF321
DS-25SF321–047F–8/2017
the device, and any data clocked in after the opcode will be ignored. When the CS pin is deasserted, the device will erase
the entire memory array. The erasing of the device is internally self-timed and should take place in a time of tCHPE.
The complete opcode must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on an byte boundary (multiples of eight bits); otherwise, no erase will be performed. In addition, if the memory
array is in the protected state, then the Chip Erase command will not be executed, and the device will return to the idle
state once the CS pin has been deasserted. The WEL bit in the Status Register will be reset back to the logical “0” state
if the CS pin is deasserted on uneven byte boundaries or if the memory is in the protected state.
While the device is executing a successful erase cycle, the Status Register can be read and will indicate that the device
is busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting the tCHPE time to
determine if the device has finished erasing. At some point before the erase cycle completes, the WEL bit in the Status
Register will be reset back to the logical “0” state.
Figure 7-4. Chip Erase
7.4
Program/Erase Suspend (75h)
In some code plus data storage applications, it is often necessary to process certain high-level system interrupts that
require relatively immediate reading of code or data from the Flash memory. In such an instance, it may not be possible
for the system to wait the microseconds or milliseconds required for the Flash memory to complete a program or erase
cycle. The Program/Erase Suspend command allows a program or erase operation in progress to be suspended so that
other device operations can be performed. For example, by suspending an erase operation to a particular block, the
system can perform functions such as a program or read to a different block.
Chip Erase cannot be suspended. The Program/Erase Suspend command will be ignored if it is issued during a Chip
Erase.A program operation can be performed while an erase operation is suspended, but the program operation cannot
be suspended while an erase operation is currently suspended.
Other device operations, such as a Read Status Register, can also be performed while a program or erase operation is
suspended. Table 7-4 outlines the operations that are allowed and not allowed during a program or erase suspend.
Since the need to suspend a program or erase operation is immediate, the Write Enable command does not need to be
issued prior to the Program/Erase Suspend command being issued. Therefore, the Program/Erase Suspend command
operates independently of the state of the WEL bit in the Status Register.
To perform a Program/Erase Suspend, the CS pin must first be asserted and the opcode of 75h must be clocked into the
device. No address bytes need to be clocked into the device, and any data clocked in after the opcode will be ignored.
When the CS pin is deasserted, the program or erase operation currently in progress will be suspended within a time of
tSUSE. The Suspend (SUS) bit in the Write Status Register will be set to the logical "1" state to indicate that the program or
erase operation has been suspended. In addition, the RDY/BSY bit in the Status Register will indicate that the device is
ready for another operation. The complete opcode must be clocked into the device before the CS pin is deasserted, and
the CS pin must be deasserted on a byte boundary (multiples of eight bits). Otherwise, no suspend operation will be
performed.
If a read operation is attempted to a suspended area (page for programming or block for erasing), then the device will
output undefined data. Therefore, when performing a Read Array operation to an unsuspended area and the device's



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com