Electronic Components Datasheet Search
  English  ▼

X  

AT25SF321 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SF321 Datasheet(HTML) 2 Page - Renesas Technology Corp

  AT25SF321 Datasheet HTML 1Page - Renesas Technology Corp AT25SF321 Datasheet HTML 2Page - Renesas Technology Corp AT25SF321 Datasheet HTML 3Page - Renesas Technology Corp AT25SF321 Datasheet HTML 4Page - Renesas Technology Corp AT25SF321 Datasheet HTML 5Page - Renesas Technology Corp AT25SF321 Datasheet HTML 6Page - Renesas Technology Corp AT25SF321 Datasheet HTML 7Page - Renesas Technology Corp AT25SF321 Datasheet HTML 8Page - Renesas Technology Corp AT25SF321 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
DS-25SF321–047F–8/2017
Features
Single 2.5V - 3.6V Supply
Serial Peripheral Interface (SPI) Compatible
Supports SPI Modes 0 and 3
Supports Dual and Quad Output Read
104MHz Maximum Operating Frequency
Clock-to-Output (tV) of 6 ns
Flexible, Optimized Erase Architecture for Code + Data Storage Applications
Uniform 4-Kbyte Block Erase
Uniform 32-Kbyte Block Erase
Uniform 64-Kbyte Block Erase
Full Chip Erase
Hardware Controlled Locking of Protected Blocks via WP Pin
3 Protected Programmable Security Register Pages
Flexible Programming
Byte/Page Program (1 to 256 Bytes)
Fast Program and Erase Times
0.7ms Typical Page Program (256 Bytes) Time
70ms Typical 4-Kbyte Block Erase Time
300ms Typical 32-Kbyte Block Erase Time
600ms Typical 64-Kbyte Block Erase Time
JEDEC Standard Manufacturer and Device ID Read Methodology
Low Power Dissipation
2µA Deep Power-Down Current (Typical)
10µA Standby current (Typical)
4mA Active Read Current (Typical)
Endurance: 100,000 Program/Erase Cycles
Data Retention: 20 Years
Complies with Full Industrial Temperature Range
Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
8-lead SOIC (150-mil and 208-mil)
8-pad Ultra Thin DFN (5 x 6 x 0.6 mm)
Die in Wafer Form
AT25SF321
32-Mbit, 2.5V Minimum
SPI Serial Flash Memory with Dual-I/O and Quad-IO Support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com