Electronic Components Datasheet Search
  English  ▼

X  

AT25SF321 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # AT25SF321
Description  32-Mbit, 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-IO Support
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25SF321 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button AT25SF321 Datasheet HTML 8Page - Renesas Technology Corp AT25SF321 Datasheet HTML 9Page - Renesas Technology Corp AT25SF321 Datasheet HTML 10Page - Renesas Technology Corp AT25SF321 Datasheet HTML 11Page - Renesas Technology Corp AT25SF321 Datasheet HTML 12Page - Renesas Technology Corp AT25SF321 Datasheet HTML 13Page - Renesas Technology Corp AT25SF321 Datasheet HTML 14Page - Renesas Technology Corp AT25SF321 Datasheet HTML 15Page - Renesas Technology Corp AT25SF321 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
11
AT25SF321
DS-25SF321–047F–8/2017
Figure 6-5. Dual-I/O Read Array (Previous command set M5, M4 = 1,0)
6.4
Quad-Output Read Array (6Bh)
The Quad-Output Read Array command is similar to the Dual-Output Read Array command. The Quad-Output Read
Array command allows four bits of data to be clocked out of the device on every clock cycle, rather than just one or two.
The Quad Enable bit (QE) of the Status Register must be set to enable for the Quad-Output Read Array instruction.
The Quad-Output Read Array command can be used at any clock frequency, up to the maximum specified by fRDQO. To
perform the Quad-Output Read Array operation, the CS pin must first be asserted and then the opcode 6Bh must be
clocked into the device. After the opcode has been clocked in, the three address bytes must be clocked in to specify the
location of the first byte to read within the memory array. Following the three address bytes, a single dummy byte must
also be clocked into the device.
After the three address bytes and the dummy byte have been clocked in, additional clock cycles will result in data being
output on the I/O3-0 pins. The data is always output with the MSB of a byte first and the MSB is always output on the I/O3
pin. During the first clock cycle, bit 7 of the first data byte will be output on the I/O3 pin while bits 6, 5, and 4 of the same
data byte will be output on the I/O2, I/O1, and I/O0 pins, respectively. During the next clock cycle, bits 3, 2, 1, and 0 of the
first data byte will be output on the I/O3, I/O2, I/O1 and I/O0 pins, respectively.
The sequence continues with each byte of data being output after every two clock cycles. When the last byte (3FFFFFh)
of the memory array has been read, the device will continue reading from the beginning of the array (000000h). No
delays will be incurred when wrapping around from the end of the array to the beginning of the array.Deasserting the CS
pin will terminate the read operation and put the WP, HOLD, SO, SI pins into a high-impedance state. The CS pin can be
deasserted at any time and does not require that a full byte of data be read.
I/O0
(SI)
SCK
I/O1
(SO)
CS
MSB
23
1
06
7
5
410 11
9
812
17
15 16
13 14
A22 A20 A18 A16
A0 M6 M4
A14 A
Address Bits
A23-A16
M3
M2
M1
M0
Address Bits
A15-A8
A7-A0
M7-M0
MSB
A23 A21 A19 A17
A1 M7 M5
A15 A
21
19 20
18
D6 D4
D3
D2
D1
D0
Byte 1
D7 D5
D6
D7
Byte 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com