Electronic Components Datasheet Search
  English  ▼

X  

AT45DQ321 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # AT45DQ321
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DQ321 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button AT45DQ321 Datasheet HTML 33Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 34Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 35Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 36Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 37Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 38Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 39Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 40Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 81 page
background image
37
AT45DQ321
DS-45DQ321-031G–DFLASH–2/2022
9.6.2
Quad Disable Command
The Quad Disable command is used to program the QE bit of the non-volatile Configuration Register to a Logical 0 to
disable the Quad I/O functionality of the device. To issue the Quad Disable command, the CS pin must first be asserted
followed by a four byte opcode of 3Dh, 2Ah, 81h and 67h.
After the last bit of the four byte opcode has been clocked in, the CS pin must be deasserted allowing the QE bit of the
Configuration Register to be modified within the time of tWRCR.
Table 9-4.
Quad Disable Command
Figure 9-4.
Quad Disable
Command
Byte 1
Byte 2
Byte 3
Byte 4
Quad Disable
3Dh
2Ah
81h
67h
3Dh
2Ah
81h
67h
CS
SI
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com