Electronic Components Datasheet Search
  English  ▼

X  

AT45DQ321 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # AT45DQ321
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DQ321 Datasheet(HTML) 2 Page - Renesas Technology Corp

  AT45DQ321 Datasheet HTML 1Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 2Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 3Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 4Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 5Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 6Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 7Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 8Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
2
AT45DQ321
DS-45DQ321-031G–DFLASH–2/2022
Description
The AT45DQ321 is a 2.3V minimum, serial-interface sequential access Flash memory ideally suited for a wide variety of
digital voice, image, program code, and data storage applications. The AT45DQ321 also supports Dual-I/O, Quad-I/O
and the RapidS serial interface for applications requiring very high speed operation. Its 34,603,008 bits of memory are
organized as 8,192 pages of 512 bytes or 528 bytes each. In addition to the main memory, the AT45DQ321 also contains
two SRAM buffers of 512/528 bytes each. The buffers allow receiving of data while a page in the main memory is being
reprogrammed. Interleaving between both buffers can dramatically increase a system's ability to write a continuous data
stream. In addition, the SRAM buffers can be used as additional system scratch pad memory, and E2PROM emulation
(bit or byte alterability) can be easily handled with a self-contained three step read-modify-write operation.
Unlike conventional Flash memories that are accessed randomly with multiple address lines and a parallel interface, the
DataFlash® uses a serial interface to sequentially access its data. The simple sequential access dramatically reduces
active pin count, facilitates simplified hardware layout, increases system reliability, minimizes switching noise, and
reduces package size. The device is optimized for use in many commercial and industrial applications where high-
density, low-pin count, low-voltage, and low-power are essential.
To allow for simple in-system re-programmability, the AT45DQ321 does not require high input voltages for programming.
The device operates from a single 2.3V to 3.6V power supply for the erase and program and read operations. The
AT45DQ321 is enabled through the Chip Select pin (CS) and accessed via a 3-wire interface consisting of the Serial
Input (SI), Serial Output (SO), and the Serial Clock (SCK).
All programming and erase cycles are self-timed.
1.
Pin Configurations and Pinouts
Figure 1-1.
Pinouts
Note:
1.
The metal pad on the bottom of the UDFN package is not internally connected to a voltage potential.
This pad can be a “no connect” or connected to GND.
1
2
3
4
8
7
6
5
SI (I/O
0)
SCK
RESET (I/O
3)
CS
SO (I/O
1)
GND
VCC
WP (I/O
2)
8-lead SOIC
Top View
SI (I/O0)
SCK
RESET (I/O3)
CS
SO (I/O1)
GND
VCC
WP (I/O2)
8
7
6
5
1
2
3
4
8-pad UDFN
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com