Electronic Components Datasheet Search
  English  ▼

X  

AT45DQ321 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # AT45DQ321
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DQ321 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button AT45DQ321 Datasheet HTML 71Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 72Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 73Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 74Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 75Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 76Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 77Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 78Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 81 page
background image
75
AT45DQ321
DS-45DQ321-031G–DFLASH–2/2022
27.
Ordering Information
27.1
Ordering Detail
27.2
Ordering Codes
Notes: 1.
The shipping carrier suffix is not marked on the device.
Device Grade
H = Green, NiPdAu lead finish,
Industrial temperature range
(–40°C to +85°C)
U = Green, Matte Sn or Sn alloy,
Industrial temperature range
(–40°C to +85°C)
Designator
Product Family
Device Density
Shipping Carrier Option
Package Option
32 = 32-Mbit
Interface
1 = Serial
45DQ = DataFlash
Dual/Quad I/O
B = Bulk (tubes)
T = Tape and reel
Y = Trays
Binary Page Size Option
2B = Factory set 512 byte binary page
size option
Operating Voltage
F = 2.3V minimum (2.3V to 3.6V)
S
= 8-lead, 0.208” wide SOIC
M
= 8-pad, 5 x 6 x 0.6mm UDFN
MW
= 8-pad, 6 x 8 x 1mm UDFN
CC
= 9-ball, 6 x 6 x 0.6mm (1mm pitch) UBGA
A T 4 5 D Q 3 2 1 - S H F 2 B - B
Ordering Code
Package
Lead Finish
Operating Voltage
Max. Frequency
Device Grade
AT45DQ321-SHF-B(1)
8S2
NiPdAu
2.3V to 3.6V
70MHz
(Dual/Quad IO)
104MHz
(SPI)
Industrial
(-40°C to 85°C)
AT45DQ321-SHF-T(1)
AT45DQ321-MHF-Y(1)
8MA1
AT45DQ321-MHF-T(1)
AT45DQ321-MWHF-Y(1)
8MW1
AT45DQ321-MWHF-T(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com