Electronic Components Datasheet Search
  English  ▼

X  

AT45DQ321 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # AT45DQ321
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DQ321 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button AT45DQ321 Datasheet HTML 70Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 71Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 72Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 73Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 74Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 75Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 76Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 77Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 81 page
background image
74
AT45DQ321
DS-45DQ321-031G–DFLASH–2/2022
Figure 26-2. Algorithm for Programming or Re-programming of the Entire Array Randomly
Notes: 1.
To preserve data integrity, each page of an DataFlash sector must be updated/rewritten at least once within
every 20,000 cumulative page erase and program operations
2.
A page address pointer must be maintained to indicate which page is to be rewritten. The auto page rewrite
command must use the address specified by the page address pointer
3.
Other algorithms can be used to rewrite portions of the Flash array. Low-power applications may choose to
wait until 20,000 cumulative page erase and program operations have accumulated before rewriting all
pages of the sector. See application note AN-4 (“Using Adesto’s Serial DataFlash”) for more details
ST
ART
Main
Memory
Page
to
Buffer
Transfer
(53h,
55h)
Increment
Page
Address
Pointer
(2)
Auto
Page
Rewrite
(2)
(58h,
59h)
END
Provide
Address
of
Page
to
Modify
If
planning
to
modify
multiple
bytes
currently
stored
within
a
page
of
the
Flash
array
Main
Memory
Page
Program
through
Buffer
(82h,
85h)
Buffer
Write
(84h,
87h)
Buffer
to
Main
Memory
Page
Program
(83h,
86h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com