Electronic Components Datasheet Search
  English  ▼

X  

AT45DQ321 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # AT45DQ321
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DQ321 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button AT45DQ321 Datasheet HTML 73Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 74Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 75Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 76Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 77Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 78Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 79Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 80Page - Renesas Technology Corp AT45DQ321 Datasheet HTML 81Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 80 / 81 page
background image
DS-45DQ321-031
G
2/2022
Changed company logo to Renesas.
80
AT45DQ321
DS-45DQ321-031G–DFLASH–2/2022
28.
Revision History
Doc. Rev.
Date
Comments
DS-45DQ321-031
12/2012
Initial document release.
DS-45DQ321-031A
2/2013
Updated document name.
DS-45DQ321-031B
5/2013
Updated copyright date, registered logo trademarks and revision dates.
DS-45DQ321-031C
8/2014
Updated AC and DC Characteristics. Added 8MW1 package. Removed 2.5V-3.6V
ordering codes. Corrected Device ID (Byte 2) and input voltages with respect to
ground. Updated maximum clock frequencies specified in Section 5-8 and 5-9.
Removed f
MAX. Updated fSCK to 104MHz. Updated Figure 9-1. Added reserved
ordering codes. Updated I
UDPD description in Table 18.3. Removed Advanced status.
DS-45DQ321-031D
1/2017
Added patent information.
DS-45DQ321-031E
8/2017
Updated 6 x 8 VDFN package drawing.
DS-45DQ321-031F
2/2019
Removed 9CC, 9-ball UBGA package option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com