| Electronic Components Datasheet Search |
|
CPS-12 Datasheet(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
CPS-12 Datasheet(HTML) 29 Page - Renesas Technology Corp |
|
29 / 48 page ![]() 29 of 47 March 31, 2008 IDT80KSW0004 Datasheet Signal Definitions JTAG operations such as Reset, State-transition control and Clock sampling are handled through the signals listed in the table below. A functional overview of the TAP Controller and Boundary Scan registers is provided in the sections following the table. The system logic TAP controller transitions from state to state, according to the value present on TMS, as sampled on the rising edge of TCK. The Test-Logic Reset state can be reached either by asserting TRST or by applying a 1 to TMS for five consecutive cycles of TCK. A state diagram for the TAP controller appears in Figure 20. The value next to state represent the value that must be applied to TMS on the next rising edge of TCK, to transi- tion in the direction of the associated arrow. Figure 20 State Diagram of the CPS-12’s TAP Controller Pin Name Type Description TRST Input JTAG RESET Asynchronous reset for JTAG TAP controller (internal pull-up) TCK Input JTAG Clock Test logic clock. JTAG_TMS and JTAG_TDI are sampled on the rising edge. JTAG_TDO is output on the falling edge. TMS Input JTAG Mode Select. Requires an external pull-up. Controls the state transitions for the TAP controller state machine (internal pull-up) TDI Input JTAG Input Serial data input for BSC chain, Instruction Register, IDCODE register, and BYPASS register (internal pull-up) TDO Output JTAG Output Serial data out. Tri-stated except when shifting while in Shift-DR and SHIFT-IR TAP controller states. Table 26 JTAG Pin Descriptions Test- Logic Reset Run-Test/ Idle Select- DR-Scan Capture-DR Shift-DR Exit1 -DR Pause-DR Exit2-DR Select- IR-Scan Capture-IR Shift-IR Exit1-IR Pause-IR Exit2-IR Update-DR Update-IR 11 0 0 0 1 1 0 0 1 1 0 1 0 1 0 0 1 1 1 0 0 11 0 1 0 1 1 0 00 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |