Electronic Components Datasheet Search
  English  ▼

X  

CPS-12 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # CPS-12
Description  12-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CPS-12 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button CPS-12 Datasheet HTML 19Page - Renesas Technology Corp CPS-12 Datasheet HTML 20Page - Renesas Technology Corp CPS-12 Datasheet HTML 21Page - Renesas Technology Corp CPS-12 Datasheet HTML 22Page - Renesas Technology Corp CPS-12 Datasheet HTML 23Page - Renesas Technology Corp CPS-12 Datasheet HTML 24Page - Renesas Technology Corp CPS-12 Datasheet HTML 25Page - Renesas Technology Corp CPS-12 Datasheet HTML 26Page - Renesas Technology Corp CPS-12 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
23 of 47
March 31, 2008
IDT80KSW0004
Datasheet
Figure 15 Transmitter Output Compliance Mask
Table 20 Transmitter Differential Output Eye Diagram Parameters
Receiver Specifications
LP-Serial receiver electrical and timing specifications are stated in the text and tables of this section.
The receiver input impedance results in a differential return loss better than 10 dB and a common mode return loss better than 6 dB from 100 MHz to
(0.8)*(Baud Frequency). This includes contributions from on-chip circuitry, the chip package and any off-chip components related to the receiver. AC
coupling components are included in this requirement. The reference impedance for return loss measurements is 100 Ohm resistive for differential
return loss and 25 Ohm resistive for common mode.
Transmitter Setting
VDIFFmin (mV)
VDIFFmax (mV)
A (UI)
B (UI)
1.25 GBaud Short Range
250
500
0.175
0.39
1.25 GBaud Long Range
400
800
0.175
0.39
2.5 GBaud Short Range
250
500
0.175
0.39
2.5 GBaud Long Range
400
800
0.175
0.39
3.125 GBaud Short Range
250
500
0.175
0.39
3.125 Gbaud Long Range
400
800
0.175
0.39
VDIFFmax
VDIFFmin
-VDIFFmax
-VDIFFmin
0
0A
B
1 - A
1 - B
1
Time in UI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com