Electronic Components Datasheet Search
  English  ▼

X  

CPS-12 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # CPS-12
Description  12-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CPS-12 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button CPS-12 Datasheet HTML 18Page - Renesas Technology Corp CPS-12 Datasheet HTML 19Page - Renesas Technology Corp CPS-12 Datasheet HTML 20Page - Renesas Technology Corp CPS-12 Datasheet HTML 21Page - Renesas Technology Corp CPS-12 Datasheet HTML 22Page - Renesas Technology Corp CPS-12 Datasheet HTML 23Page - Renesas Technology Corp CPS-12 Datasheet HTML 24Page - Renesas Technology Corp CPS-12 Datasheet HTML 25Page - Renesas Technology Corp CPS-12 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
22 of 47
March 31, 2008
IDT80KSW0004
Datasheet
Table 18 Long Run Transmitter AC Timing Specifications - 2.5 GBaud
Table 19 Long Run Transmitter AC Timing Specifications - 3.125 GBaud
For each baud rate at which an LP-Serial transmitter is specified to operate, the output eye pattern of the transmitter falls entirely within the unshaded
portion of the Transmitter Output Compliance Mask shown in Transmitter Output Compliance Mask (Figure 15) with the parameters specified in
Transmitter Differential Output Eye Diagram Parameters (Table 17) when measured at the output pins of the device and the device is driving a 100
Ohm +/- 5% differential resistive load. The specification allows the output eye pattern of a LP-Serial transmitter that implements pre-emphasis (to
equalize the link and reduce inter-symbol interference) to only comply with the Transmitter Output Compliance Mask when pre-emphasis is disabled
or minimized.
Symbol
Parameter
Range
Unit
Notes
Min
Max
VO
Output Voltage
-0.40
2.30
Volts
Voltage relative to COM-
MON of either signal com-
prising a differential pair.
VDIFF PP
Differential Output Voltage
800
1600
mV p-p
JD
Deterministic Jitter
-
0.17
UI p-p
JT
Total Jitter
-
0.35
UI p-p
SMO
Multiple Output Skew
-
1000
ps
Skew at the transmitter
output between lanes of a
multilane link
UI
Unit Interval
400
400
ps
+/- 100 ppm
Symbol
Parameter
Range
Unit
Notes
Min
Max
VO
Output Voltage
-0.40
2.30
Volts
Voltage relative to COM-
MON of either signal com-
prising a differential pair.
VDIFF PP
Differential Output Voltage
800
1600
mV p-p
JD
Deterministic Jitter
-
0.17
UI p-p
JT
Total Jitter
-
0.35
UI p-p
SMO
Multiple Output Skew
-
1000
ps
Skew at the transmitter
output between lanes of a
multilane link
UI
Unit Interval
320
320
ps
+/- 100 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com