Electronic Components Datasheet Search
  English  ▼

X  

CPS-12 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # CPS-12
Description  12-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CPS-12 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button CPS-12 Datasheet HTML 37Page - Renesas Technology Corp CPS-12 Datasheet HTML 38Page - Renesas Technology Corp CPS-12 Datasheet HTML 39Page - Renesas Technology Corp CPS-12 Datasheet HTML 40Page - Renesas Technology Corp CPS-12 Datasheet HTML 41Page - Renesas Technology Corp CPS-12 Datasheet HTML 42Page - Renesas Technology Corp CPS-12 Datasheet HTML 43Page - Renesas Technology Corp CPS-12 Datasheet HTML 44Page - Renesas Technology Corp CPS-12 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
41 of 47
March 31, 2008
IDT80KSW0004
Datasheet
Pin Summary
Pin
Name
Function
Supply / Interface
Pin Function Description
ADS
I2C(VDD, GND) / CMOS Input
I2C address width select. Set ADS = GND for 7-bit CPS-12 slave
address. ADS = Vdd for 10-bit. NOTE: SUPPLY / LEVELS
REQUIREMENTS ARE UNIQUE FROM THE OTHER I2C PINS.
DNC
Do Not Connect. This pin should be left FLOATING. It should not
be connected to any other signal or power rail.
GND
Digital Ground
(CMOS)
Digital GND. All pins must be tied to single potential power supply
ground plane.
GNDS
Analog Ground
(CMOS)
Analog GND. All pins must be tied to single potential ground sup-
ply plane.
ID0 - ID9
I2C(VDD, GND) / CMOS Input
I2C Slave ID addresses. This should be set statically to Vdd or
GND at power-up. NOTE: SUPPLY / LEVELS REQUIREMENTS
ARE UNQUE FROM THE OTHER I2C PINS.
NC
Not connected
MM
I2C
CMOS Input
Select the I2C Mater or Slave mode. Logic high for Master mode
IRQ
Interrupt
(VDD3, GND) / CMOS Output
This is an interrupt output pin whose value is given by the Error
Management Block.
REF_CLK +/-
SERDES Clock
(VDD, GND) / Differential Input
Differential input clock. This clock is used as the 156.25 MHz ref-
erence for standard SERDES operation.
REXTN,
REXTP
Rext
External bias resistor. Rextn must be connected to Rextp with a
12k Ohm resistor. This establishes the drive bias on the SERDES
output. This provides CML driver stability across process and tem-
perature.
RST
Reset
(VDD3, GND) / CMOS Input
CPS-12 Global Reset. Sets all internal registers to default values.
Resets all PLLs. Resets all port configurations. This is a HARD
Reset.
RX0+/- to
RX11+/-
sRIO Receive
(VDDS, GNDS) / RIO Differential Input
Differential receiver inputs, Lanes 0 to 11
SCL
I2C(VDD3, GND) / CMOS IO
I2C Clock.
SDA
I2C(VDD3, GND) / CMOS IO
I2C Serial Data IO. Data direction is determined by the I2C Read/
Write bit. See I2C section for further detail.
SPD[1:0]
SPD
(VDD, GND) / CMOS Input
Speed Select Pins. These pins define sRIO port speed at RESET
for all ports. The RESET setting may be overridden by subsequent
programming of the QUAD_CTRL register. SPD[1:0] = {00 =
1.25G, 01 = 2.5G, 10 = 3.125G, 11 = RESERVED}. These pins
must remain STATICALLY BIASED before power-up.
TCK
JTAG
(VDD3, GND) / CMOS Input
JTAG Tap Port Clock
TDI
JTAG
(VDD3, GND) / CMOS Input
JTAG Tap Port Input
TDO
JTAG
(VDD3, GND) / CMOS Output
JTAG Tap Port Output
TMS
JTAG
(VDD3, GND) / CMOS Input
JTAG Tap Port Mode Select
TRST
JTAG
(VDD3, GND) / CMOS Input
JTAG Tap Port Asynchronous Reset
TX0+/- to
TX11+/-
sRIO Transmit
(VDDS, GNDS) / RIO Differential Output
Differential transmitter outputs, Lanes 0 to 11
Table 36 Pin Summary (Alphabetical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com