Electronic Components Datasheet Search
  English  ▼

X  

CPS-12 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # CPS-12
Description  12-Port Serial RapidIO® Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CPS-12 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button CPS-12 Datasheet HTML 10Page - Renesas Technology Corp CPS-12 Datasheet HTML 11Page - Renesas Technology Corp CPS-12 Datasheet HTML 12Page - Renesas Technology Corp CPS-12 Datasheet HTML 13Page - Renesas Technology Corp CPS-12 Datasheet HTML 14Page - Renesas Technology Corp CPS-12 Datasheet HTML 15Page - Renesas Technology Corp CPS-12 Datasheet HTML 16Page - Renesas Technology Corp CPS-12 Datasheet HTML 17Page - Renesas Technology Corp CPS-12 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
14 of 47
March 31, 2008
IDT80KSW0004
Datasheet
Figure 9 Read Protocol with 10-bit Slave Address (ADS=1)
Figure 10 Write protocol with 7-bit Slave Address (ADS=0).
I2C writes to memory align on 32-bit word boundaries, thus the 22 address MSBs must
be provided while the 2 LSB’s associated with word and byte pointers are DON’T CARE and are therefore not transmitted.
Figure 11 Read protocol with 7-bit Slave Address (ADS=0)
CPS-12 configuration and image (Master mode)
There is both a power up master and a command master mode. If powered up in master mode, the CPS-12 polls configuration image from external
memory after the device reset sequence has completed. Once the device has completed its configuration sequence, it will revert to slave mode.
Through a config register write, the device can be commanded to enter master mode, which provides more configuration sequence flexibility. Refer to
“CPS-12 User Manual” for details.
I2C DC Electrical Specifications
Note that the ADS and ID pins will all run off the core (1.2V) power supply, and these pins are required to be fixed during operation. Thus, these pins
must be statically tied to the 1.2V supply or GND.
Tables 9 through 11 below list the SDA and SCL electrical specifications for F/S-mode I2C devices:
Device
Address
[9:8]
11 1 1 0
1 AA
A
A
A
Data
Word #1
MSB Byte
Data
Word #1
Byte #2
Data
Word #1
Byte #3
Data
Word #1
LSB Byte
R/W Bit (R=1, W=0)
817
26
35
44
Data output is from base mem_addr[21:0]
5686 drw05b
Device
Address
[6:0]
0 A
A
AAA
Memory
Address
[21:16]
R/W Bit (R=1, W=0)
817
26
35
44
Memory address loaded is mem_addr[21:0]
XX
A 000
Memory
Address
[15:8]
Memory
Address
[7:0]
0
Data
Word #1
MSB Byte
Incoming data will be written
to mem_addr[21:0]
53
Data
Word #1
Byte #2
R/W Bit (R=1, W=0)
A
26
17
Device
Address
[6:0]
A
A
8
1
A
35
Data
Word #1
MSB Byte
Data
Word #1
Byte #2
Data
Word #1
Byte #3
Data
Word #1
LSB Byte
Data output is from base mem_addr[21:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com