Electronic Components Datasheet Search
  English  ▼

X  

71024S Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 71024S
Description  CMOS Static RAM 1 Meg (128K x 8-Bit)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71024S Datasheet(HTML) 5 Page - Renesas Technology Corp

  71024S Datasheet HTML 1Page - Renesas Technology Corp 71024S Datasheet HTML 2Page - Renesas Technology Corp 71024S Datasheet HTML 3Page - Renesas Technology Corp 71024S Datasheet HTML 4Page - Renesas Technology Corp 71024S Datasheet HTML 5Page - Renesas Technology Corp 71024S Datasheet HTML 6Page - Renesas Technology Corp 71024S Datasheet HTML 7Page - Renesas Technology Corp 71024S Datasheet HTML 8Page - Renesas Technology Corp 71024S Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
6.42
71024 CMOS Static RAM
1 Meg (128K x 8-Bit)
Commercial and Industrial Temperature Ranges
5
Mar.30.21
NOTES:
1. WE is HIGH for Read Cycle.
2. Device is continuously selected, CS1 is LOW, CS2 is HIGH.
3. Address must be valid prior to or coincident with the later of CS1 transition LOW and CS2 transition HIGH; otherwise tAA is the limiting parameter.
4. OEisLOW.
5. Transitionismeasured±200mVfromsteadystate.
Timing Waveform of Read Cycle No. 1(1)
Timing Waveform of Read Cycle No. 2(1,2,4)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com