Electronic Components Datasheet Search
  English  ▼

X  

71024S Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 71024S
Description  CMOS Static RAM 1 Meg (128K x 8-Bit)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71024S Datasheet(HTML) 8 Page - Renesas Technology Corp

  71024S Datasheet HTML 1Page - Renesas Technology Corp 71024S Datasheet HTML 2Page - Renesas Technology Corp 71024S Datasheet HTML 3Page - Renesas Technology Corp 71024S Datasheet HTML 4Page - Renesas Technology Corp 71024S Datasheet HTML 5Page - Renesas Technology Corp 71024S Datasheet HTML 6Page - Renesas Technology Corp 71024S Datasheet HTML 7Page - Renesas Technology Corp 71024S Datasheet HTML 8Page - Renesas Technology Corp 71024S Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
6.42
8
71024 CMOS Static RAM
1 Meg (128K x 8-Bit)
Commercial and Industrial Temperature Ranges
Mar.30.21
Datasheet Document History
9/30/99
Updatedtonewformat
Pg. 1, 3, 4, 7
Added 12ns industrial speed grade offering
Pg. 1–4, 7
Removedmilitarytemperatureofferings
Removed 17ns and 25ns speed grades
Pg. 3
Revised ICC and ISB1 for 15ns and 20ns industrial speed grades
Pg. 6
Removed Note 1, reordered notes and footnotes
Pg. 8
AddedDatasheetDocumentHistory
1/6/2000
Pg. 4
Changed tWP(min) for 12ns speed grade from 10ns to 8ns.
2/18/00
Pg. 3
RevisedIccandISBforIndustrialTemperatureofferingstomeetcommercialspecifications
3/14/00
Pg. 3
RevisedISBtoaccommodatespeed functionality
08/09/00
Notrecommendedfornewdesigns
02/01/01
Removed "Not recommended for new designs"
01/30/04
Pg. 7
Added"Restrictedhazardoussubstancedevice"totheorderinginformation.
05/22/06
Pg.3
Added drawing Output Capacitive Derating drawing.
02/13/07
Pg.7
Added M generation die step to data sheet ordering information.
08/13/09
Pg.2
Correctednotereference.
02/05/13
Pg.1
Removed /MS from datasheet header. Removed IDT's reference to fabrication.
Pg.7
Updated ordering information by adding Tape and Reel, updated Restricted Hazardous Substance
Device wording to Green and removed the Die Stepping Revision, the"M" designator.
03/30/21
Pg.1 & 7
UpdatedIndustrialtempandgreenavailability
Pg.2 & 7
Updatedpackagecodes
Pg.7
AddedOrderablePartInformationtable



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com