Electronic Components Datasheet Search
  English  ▼

X  

71024S Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 71024S
Description  CMOS Static RAM 1 Meg (128K x 8-Bit)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71024S Datasheet(HTML) 7 Page - Renesas Technology Corp

  71024S Datasheet HTML 1Page - Renesas Technology Corp 71024S Datasheet HTML 2Page - Renesas Technology Corp 71024S Datasheet HTML 3Page - Renesas Technology Corp 71024S Datasheet HTML 4Page - Renesas Technology Corp 71024S Datasheet HTML 5Page - Renesas Technology Corp 71024S Datasheet HTML 6Page - Renesas Technology Corp 71024S Datasheet HTML 7Page - Renesas Technology Corp 71024S Datasheet HTML 8Page - Renesas Technology Corp 71024S Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
6.42
71024 CMOS Static RAM
1 Meg (128K x 8-Bit)
Commercial and Industrial Temperature Ranges
7
Mar.30.21
Ordering Information
S
Power
XX
Speed
X
Package
X
Process/
Temperature
Range
Blank
I(1)
Commercial (0°C to +70°C)
Industrial (–40°C to +85°C)
TY
Y
300-mil SOJ (PJG32)
400-mil SOJ (PBG32)
12
15
20
Device
Type
Speed in nanoseconds
2964 drw 09
71024
X
G
Green
X
Blank
8
Tube
Tape and Reel
Orderable Part Information
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
12
71024S12TYG
PJG32
SOJ
C
71024S12TYG8
PJG32
SOJ
C
71024S12TYGI
PJG32
SOJ
I
71024S12TYGI8
PJG32
SOJ
I
71024S12YG
PBG32
SOJ
C
71024S12YG8
PBG32
SOJ
C
71024S12YGI
PBG32
SOJ
I
71024S12YGI8
PBG32
SOJ
I
15
71024S15TYG
PJG32
SOJ
C
71024S15TYG8
PJG32
SOJ
C
71024S15TYGI
PJG32
SOJ
I
71024S15TYGI8
PJG32
SOJ
I
71024S15YG
PBG32
SOJ
C
71024S15YG8
PBG32
SOJ
C
71024S15YGI
PBG32
SOJ
I
71024S15YGI8
PBG32
SOJ
I
20
71024S20TYG
PJG32
SOJ
C
71024S20TYG8
PJG32
SOJ
C
71024S20TYGI
PJG32
SOJ
I
71024S20TYGI8
PJG32
SOJ
I
71024S20YG
PBG32
SOJ
C
71024S20YG8
PBG32
SOJ
C
71024S20YGI
PBG32
SOJ
I
71024S20YGI8
PBG32
SOJ
I
NOTE:
1. Contact your local sales office for Industrial temp range for other speeds, packages and powers.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com