Electronic Components Datasheet Search
  English  ▼

X  

P9028AC Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # P9028AC
Description  Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9028AC Datasheet(HTML) 3 Page - Renesas Technology Corp

  P9028AC Datasheet HTML 1Page - Renesas Technology Corp P9028AC Datasheet HTML 2Page - Renesas Technology Corp P9028AC Datasheet HTML 3Page - Renesas Technology Corp P9028AC Datasheet HTML 4Page - Renesas Technology Corp P9028AC Datasheet HTML 5Page - Renesas Technology Corp P9028AC Datasheet HTML 6Page - Renesas Technology Corp P9028AC Datasheet HTML 7Page - Renesas Technology Corp P9028AC Datasheet HTML 8Page - Renesas Technology Corp P9028AC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
P9028AC
Product Datasheet
Revision 1.0.3
3
©2015IntegratedDeviceTechnology,Inc.
ABSOLUTE MAXIMUM RATINGS
These absolute maximum ratings are stress ratings only. Stresses greater than those listed below (Table 1 and Table 2) may cause permanent damage
to the device. Functional operation of the P9028AC at absolute maximum ratings is not implied. Application of the absolute maximum rating conditions
affects device reliability.
Table 1. Absolute Maximum Ratings Summary.
Description
Value
Units
AC1, AC2, VRECT, ACM1, ACM2, CLAMP1, CLAMP2
-0.3 to 20
V
BST1, BST2
-0.3 to (AC1, AC2 + 6)
V
EN, STAT, SCL, SDA, OUT, SNS, TEOP, RLIM, CS100, FOD1, FOD2, VDD
-0.3 to 6
V
PGND, PGND1, PGND2, AGND
-0.3 to 0.3
V
Output Current OUT
1.5
A
Input Current AC1, AC2
2
ARMS
Table 2. Package Thermal Information.1,2,3,4
Symbol
Description
TQFN Rating
WLCSP Rating
(7 thermal vias)
Units
JA
Thermal Resistance Junction to Ambient
35
70
C/W
JC
Thermal Resistance Junction to Case
29.6
0.9
C/W
JB
Thermal Resistance Junction to Board
2.4
47.3
C/W
TJ
Operating Junction Temperature
0 to +125
0 to +125
C
TA
Operating Ambient Temperature
0 to +85
0 to +85
C
TSTG
Storage Temperature
-55 to +150
-55 to +150
C
TLEAD
Maximum Soldering Temperature (at Leads, 10s)
300
300
C
Note 1:
The maximum power dissipation is PD(MAX) = (TJ(MAX) - TA) / θJA where TJ(MAX) is 125°C. Exceeding the maximum allowable power dissipation will
result in excessive die temperature, and the device will enter thermal shutdown.
Note 2:
This thermal rating was calculated on JEDEC 51 standard 4-layer board with dimensions 3” x 4.5” in still air conditions.
Note 3:
Actual thermal resistance is affected by PCB size, solder joint quality, layer count, copper thickness, air flow, altitude, and other unlisted variables.
Note 4:
For the NBG32 package, connecting the 5 mm X 5 mm EP to internal/external ground planes with a 5x5 matrix of PCB plated-through-hole (PTH)
vias, from top to bottom sides of the PCB, is recommended for improving the overall thermal performance. For the WLCSP (AWG36) package, connecting
the 7 thermal balls to internal/external ground planes from top to bottom sides of the PCB, is recommended for improving the overall thermal performance.
Table 3. ESD Information.
Test
Model
Pins
Rating
Units
HBM
All
±1500
V
CDM
All
±500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com