Electronic Components Datasheet Search
  English  ▼

X  

P9028AC Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # P9028AC
Description  Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9028AC Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button P9028AC Datasheet HTML 16Page - Renesas Technology Corp P9028AC Datasheet HTML 17Page - Renesas Technology Corp P9028AC Datasheet HTML 18Page - Renesas Technology Corp P9028AC Datasheet HTML 19Page - Renesas Technology Corp P9028AC Datasheet HTML 20Page - Renesas Technology Corp P9028AC Datasheet HTML 21Page - Renesas Technology Corp P9028AC Datasheet HTML 22Page - Renesas Technology Corp P9028AC Datasheet HTML 23Page - Renesas Technology Corp P9028AC Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
P9028AC
Product Datasheet
Revision 1.0.3
20
©2015IntegratedDeviceTechnology,Inc.
PMA MODE CHARACTERISTICS
STARTUP AND COMMUNICATION
Before the receiver is placed on the transmitter pad, the
transmitter is in the Standby state. In Standby, the
transmitter is waiting to detect any new, detectable object.
Once the receiver is placed on the PMA transmitter pad,
there are two states that the system must pass through
before power transfer begins. These states are: Digital
Ping, and Identification and the final two states are: Power
Transfer, and End-of-Charge (EOC).
Figure 15. Simplified PMA-State Machine.
Table 8. Receiver Power Transfer Operation.
In Standby, the transmitter is waiting to detect an object
on its pad. Once detected the transmitter tries to initiate
communication, emitting a predetermined signal called a
“Digital Ping”. If the receiver is aligned well enough to
energize and if it responds in the correct manner, it is
recognized by the transmitter as a PMA capable device.
At this point, if the Identification state is not supported, the
transmitter starts transmitting power to the receiver. If the
Identification state is supported, the receiver sends its
unique RXID to the transmitter, which identifies it as a fully
compliant PMA device. After that transaction, the system
enters the Power Transfer state and power transfer from
the transmitter to receiver begins.
The 5V LDO is enabled when the power transfer mode is
initiated and the voltage at VRECT, the output of the full-
wave synchronous rectifier, is more than 5.6V.
PMA EOC
A receiver that transmits a PMA EOC signal shall
remain in the power transfer phase but shall disable its
output and shall continue to transmit PMA EOC signals
until the transmitter removes the power. The P9028AC
operation is summarized in table 8 from the PMA
specification:
DESCRIPTION
SYMBOL
VALUE
UNITS
Maximum period in power transfer phase IOUT<ICC before transmitting PMA EOC
signal
TEOC
40
min
Charge complete threshold current
Icc
0.05 x ILIM
mA
No load threshold current
INoLoad
25
mA
Time to enter No load EOC
INoLoad_EOC
40
sec
Maximum receiver temperature
TRx_max
60
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com