Electronic Components Datasheet Search
  English  ▼

X  

P9028AC Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # P9028AC
Description  Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9028AC Datasheet(HTML) 1 Page - Renesas Technology Corp

  P9028AC Datasheet HTML 1Page - Renesas Technology Corp P9028AC Datasheet HTML 2Page - Renesas Technology Corp P9028AC Datasheet HTML 3Page - Renesas Technology Corp P9028AC Datasheet HTML 4Page - Renesas Technology Corp P9028AC Datasheet HTML 5Page - Renesas Technology Corp P9028AC Datasheet HTML 6Page - Renesas Technology Corp P9028AC Datasheet HTML 7Page - Renesas Technology Corp P9028AC Datasheet HTML 8Page - Renesas Technology Corp P9028AC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
DRAFT
Dual-Mode WPC/PMA 5 Watt
Wireless Power Receiver IC
P9028AC
Product Datasheet
Revision 1.0.3
1
© 2015 Integrated Device Technology, Inc.
Features
Single Chip Receiver (Rx) Solution
WPC v1.1.2 Compliant
PMA v1, v3 Pre-Release Compatible with Options
Advanced WPC v1.1.2 Foreign Object Detection (FOD)
Programmable FOD setting via external resistor and
I2C registers
Programmable current limit via external resistor
Integrated Full-Bridge Synchronous Rectifier
Integrated 5V @ 1A LDO Regulator Output
Closed-loop power transfer control between TX and
RX
I2C interface provides VRECT, Iout and switching
frequency values
Open-Drain LED Indicator Output
Over-Temperature/Voltage/Current Protection
Applications
WPC-Compliant and PMA-Compatible Wireless
Chargers for Mobile Applications.
Cellular Mobile Phones
Tablets, DSC, DVC and Handhelds
Introduction
The P9028AC is an integrated single-chip, dual-mode WPC
v1.1.2-compliant and PMA v1.0-compatible, wireless power
receiver IC with advanced WPC v1.1.2 Foreign Object
Detection (FOD). The device operates with an AC power
signal from a resonant tank and converts it into a regulated
5V output voltage, which can be used to supply power to a
mobile application. It includes a high efficiency Synchronous
Full Bridge Rectifier and 5V tracking LDO output stage. The
P9028AC dual-mode operation automatically detects the
transmitter type and initiates either WPC or PMA AC
modulation communication protocols with optimal efficiency.
The device includes the control circuit required to modulate
the load to transmit WPC-compliant or PMA-compatible
message packets to the base station. It uses minimal
external components to reduce overall solution area.
The P9028AC employs advanced programmable WPC FOD
techniques to detect foreign metallic objects placed on the
transmitter base station derived from a transmitted and
received power transfer algorithm.
The P9028AC is available in a 36 ball 3mm X 3mm WLCSP
or 32 pin 5mm X 5mm TQFN package.
Typical Application Circuit
Packages: WLCSP-36 6x6 balls (3.06mm x 2.9mm) (See page 33)
TQFN-32 5x5mm (See page 35)
Ordering information: (See page 38)


Similar Part No. - P9028AC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9028AC IDT-P9028AC Datasheet
2Mb / 38P
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
P9028AC-AWGI8 IDT-P9028AC-AWGI8 Datasheet
2Mb / 38P
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
P9028AC-NBGI IDT-P9028AC-NBGI Datasheet
2Mb / 38P
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
P9028AC-NBGI8 IDT-P9028AC-NBGI8 Datasheet
2Mb / 38P
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
More results

Similar Description - P9028AC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT1650 RICHTEK-RT1650 Datasheet
1Mb / 26P
Wireless Power Receiver Compliant with WPC
logo
STMicroelectronics
STWLC03 STMICROELECTRONICS-STWLC03 Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
logo
Integrated Device Techn...
P9028AC IDT-P9028AC Datasheet
2Mb / 38P
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
logo
Rohm
BD57011AGWL ROHM-BD57011AGWL Datasheet
2Mb / 24P
Wireless Power Receiver IC
BD57015GWL ROHM-BD57015GWL Datasheet
3Mb / 69P
Wireless Power Receiver IC
logo
Integrated Device Techn...
P9225-R IDT-P9225-R Datasheet
1,010Kb / 34P
Dual-Mode Wireless Power Receiver
logo
Rohm
BD57016GWL ROHM-BD57016GWL Datasheet
4Mb / 62P
Wireless Power Receiver IC
logo
Maxim Integrated Produc...
MAX77950 MAXIM-MAX77950 Datasheet
1Mb / 53P
WPC/PMA Dual Mode Wireless Power Receiver
Rev 0; 3/17
MAX77950EVKIT MAXIM-MAX77950EVKIT Datasheet
3Mb / 16P
Wireless power transmitter with WPC/PMA compliance
319-100007; Rev 0; 3/17
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com