Electronic Components Datasheet Search
  English  ▼

X  

P9028AC Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # P9028AC
Description  Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9028AC Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button P9028AC Datasheet HTML 2Page - Renesas Technology Corp P9028AC Datasheet HTML 3Page - Renesas Technology Corp P9028AC Datasheet HTML 4Page - Renesas Technology Corp P9028AC Datasheet HTML 5Page - Renesas Technology Corp P9028AC Datasheet HTML 6Page - Renesas Technology Corp P9028AC Datasheet HTML 7Page - Renesas Technology Corp P9028AC Datasheet HTML 8Page - Renesas Technology Corp P9028AC Datasheet HTML 9Page - Renesas Technology Corp P9028AC Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
P9028AC
Product Datasheet
Revision 1.0.3
6
©2015IntegratedDeviceTechnology,Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
Typical Performance Characteristics: System Efficiency versus RX Output Power
EN
¯¯ = RESET = 0, TA = 25oC
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
00.5
1
1.5
22.533.544.5
5
Output Power (W)
P9028AC System Efficiency (%) vs. Output Power (W)
from IDTP9235 (WPC) or PMA Tx (1mm space)
IDTP9235
PMA 
Figure 2. P9028AC WPC and PMA System Efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com