Electronic Components Datasheet Search
  English  ▼

X  

89C535 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # 89C535
Description  CMOS single-chip 8-bit microcontrollers with FLASH program memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

89C535 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 89C535 Datasheet HTML 13Page - NXP Semiconductors 89C535 Datasheet HTML 14Page - NXP Semiconductors 89C535 Datasheet HTML 15Page - NXP Semiconductors 89C535 Datasheet HTML 16Page - NXP Semiconductors 89C535 Datasheet HTML 17Page - NXP Semiconductors 89C535 Datasheet HTML 18Page - NXP Semiconductors 89C535 Datasheet HTML 19Page - NXP Semiconductors 89C535 Datasheet HTML 20Page - NXP Semiconductors 89C535 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Philips Semiconductors
Preliminary specification
89C535/89C536/89C538
CMOS single-chip 8-bit microcontrollers
with FLASH program memory
1997 Jun 05
17
DC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C; 5V ±10%; VSS = 0V
SYMBOL
PARAMETER
TEST
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VIL
Input low voltage
4.5V < VCC < 5.5V
–0.5
0.2VCC–0.1
V
VIH
Input high voltage (ports 0, 1, 2, 3, EA)
0.2VCC+0.9
VCC+0.5
V
VIH1
Input high voltage, XTAL1, RST
0.7VCC
VCC+0.5
V
VOL
Output low voltage, ports 1, 2, 3 6
VCC = 4.5V
IOL = 1.6mA1
0.4
V
VOL1
Output low voltage, port 0, ALE, PSEN 5, 6
VCC = 4.5V
IOL = 3.2mA1
0.4
V
VOH
Output high voltage, ports 1, 2, 3 2
VCC = 4.5V
IOH = –30µA
VCC – 0.7
V
VOH1
Output high voltage (port 0 in external bus mode), ALE7,
PSEN2
VCC = 4.5V
IOH = –800µA
VCC – 0.7
V
IIL
Logical 0 input current, ports 1, 2, 3
VIN = 0.4V
–1
–50
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 3
VIN = 2.0V
See note 3
–650
µA
ILI
Input leakage current, port 0
0.45 < VIN < VCC – 0.3
±10
µA
ICC
Power supply current (see Figure 16):
See note 4
Active mode
VCC = 5.5V
60
mA
Idle mode
FREQ = 24 MHz
25
mA
Power-down mode or clock stopped
(
Fi
20 f
diti
)
Tamb = 0°C to 70°C
100
µA
(see Figure 20 for conditions)
RRST
Internal reset pull-down resistor
40
225
k
Ω
NOTES:
1. Capacitive loading on ports 0 and 2 may cause spurious noise to be superimposed on the VOLs of ALE and ports 1 and 3. The noise is due
to external bus capacitance discharging into the port 0 and port 2 pins when these pins make 1-to-0 transitions during bus operations. In the
worst cases (capacitive loading > 100pF), the noise pulse on the ALE pin may exceed 0.8V. In such cases, it may be desirable to qualify
ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input. IOL can exceed these conditions provided that no
single output sinks more than 5mA and no more than two outputs exceed the test conditions.
2. Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the VCC–0.7 specification when the
address bits are stabilizing.
3. Pins of ports 1, 2 and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 2V.
4. See Figures 17 through 20 for ICC test conditions.
Active mode:
ICC(MAX) = 0.9 × FREQ. + 1.1mA
Idle mode:
ICC(MAX) = 0.18 × FREQ. +1.0mA; See Figure 16.
5. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.
6. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
15mA
Maximum IOL per 8-bit port:
26mA
Maximum total IOL for all outputs:
71mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed
test conditions.
7. ALE is tested to VOH1, except when ALE is off then VOH is the voltage specification.
8. Pin capacitance is characterized but not tested. Pin capacitance is less than 25pF. Pin capacitance of ceramic package is less than 15pF
(except EA is 25pF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com