Electronic Components Datasheet Search
  English  ▼

X  

89C535 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # 89C535
Description  CMOS single-chip 8-bit microcontrollers with FLASH program memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

89C535 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button 89C535 Datasheet HTML 23Page - NXP Semiconductors 89C535 Datasheet HTML 24Page - NXP Semiconductors 89C535 Datasheet HTML 25Page - NXP Semiconductors 89C535 Datasheet HTML 26Page - NXP Semiconductors 89C535 Datasheet HTML 27Page - NXP Semiconductors 89C535 Datasheet HTML 28Page - NXP Semiconductors 89C535 Datasheet HTML 29Page - NXP Semiconductors 89C535 Datasheet HTML 30Page - NXP Semiconductors 89C535 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Philips Semiconductors
Preliminary specification
89C535/89C536/89C538
CMOS single-chip 8-bit microcontrollers
with FLASH program memory
1997 Jun 05
27
AC CHARACTERISTICS
Tamb = 0°C to 70°C, VCC = 5V " 10%, VPP = 12V " 5%
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
τVPS
VPP setup time
100
ns
τOES
OE setup time
100
ns
τCWC
Command programming cycles
150
ns
τCEP
WE programming pulse width
60
ns
τEPH1
WE programming pulse width High
20
ns
τCEPH2
WE programming pulse width High
100
ns
τAS
Address setup time
0
ns
τAH1
Address hold time for DATA Polling
0
ns
τDS
DATA setup time
50
ns
τDH
DATA hold time
10
ns
τCESP
CE setup time before DATA polling/toggle bit
100
ns
τCES
CE setup time
0
ns
τCESC
CE setup time before command write
100
ns
τVPH
VPP hold time
100
ns
τDF
Output disable time (Note 2)
35
ns
τDPA
DATA polling/toggle bit access time
150
ns
τAETC
Total erase time in auto chip erase
5(TYP)
s
τAVT
Total programming time in auto verify
15
300
ms
NOTES:
1. CE and OE must be fixed high during VPP transition from 5V to 12V or from 12V to 5V.
2.
τDF is defined as the time at which the output achieves the open circuit condition and data is no longer driven.
Timing Waveform
Automatic Programming
One byte of data is programmed. Verifying in fast algorithm and
additional programming by external control are not required because
these operations are executed automatically by an internal control
circuit. Programming completion can be verified by DATA polling and
toggle bit checking after automatic verify starts. Device outputs
DATA during programming and DATA after programming on Q7. Q0
to Q5(Q6 is for toggle bit; see toggle bit, DATA polling, timing
waveform) are in high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com