Electronic Components Datasheet Search
  English  ▼

X  

89C535 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # 89C535
Description  CMOS single-chip 8-bit microcontrollers with FLASH program memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

89C535 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button 89C535 Datasheet HTML 20Page - NXP Semiconductors 89C535 Datasheet HTML 21Page - NXP Semiconductors 89C535 Datasheet HTML 22Page - NXP Semiconductors 89C535 Datasheet HTML 23Page - NXP Semiconductors 89C535 Datasheet HTML 24Page - NXP Semiconductors 89C535 Datasheet HTML 25Page - NXP Semiconductors 89C535 Datasheet HTML 26Page - NXP Semiconductors 89C535 Datasheet HTML 27Page - NXP Semiconductors 89C535 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Philips Semiconductors
Preliminary specification
89C535/89C536/89C538
CMOS single-chip 8-bit microcontrollers
with FLASH program memory
1997 Jun 05
24
su00876
P1
RST
P3.3
XTAL2
XTAL1
VSS
VDD
P0
EA
ALE/WE
PSEN
P2.7
P3.5
P2.0–P2.5
P3.4
P2.6, P3.7, P3.1, P3.0
89C535/536/538
A0–A7
1
CE
4–6 MHz
PGM COMMAND/DATA
VPP
LOW PULSE
0
OE
A15
A8–A13
A14
0000b
+5V
Figure 21.
Erase/Programming/Verification
Table 8. Pin Description
PIN NAME
SYMBOL
FUNCTION
P1.0–P1.7
P2.0–P2.5, P3.4, P3.5
A0–A7
A8–A13, A14–A15
Input Low Order Address Bits
Input High Order Address Bits
P0.0–P0.7
Q0–Q7
Data Input/Output
P3.3
CE
Chip Enable Input
P2.7
OE
Output Enable Input
ALE/WE
WE
Write Enable Pin
EA
VPP
Program Supply Voltage
P2.6, P3.7, P3.1, P3.0
FTEST3–FTEST0
Flash Test Mode Selection
VCC
VCC
Power Supply Voltage (+5V)
GND
GND
Ground Pin
Table 9. Command Definitions
FIRST BUS CYCLE
SECOND BUS CYCLE
COMMAND
BUS CYCLES
OPERATION ADDRESS DATA
OPERATION ADDRESS DATA
Setup auto erase/auto erase (chip)
2
Write
X
30H
Write
X
30H
Setup auto program/program
2
Write
X
40H
Write
PA
PD
Reset
2
Write
X
FFH
Write
X
FFH
Note:
• PA = Address of memory location to be programmed
• PD = Data to be programmed at location
Command Definitions
When low voltage is applied to the VPP pin, the contents of the
command register default to 00H. Placing high voltage on the VPP
pin enables read/write operations. Device operations are selected
by writing specific data patterns into the command register. Table 2
defines these 89C535/536/538 register commands. Table 3 defines
the bus operations of 89C535/536/538.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com