Electronic Components Datasheet Search
  English  ▼

X  

RAA210040 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RAA210040
Description  5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210040 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RAA210040 Datasheet HTML 1Page - Renesas Technology Corp RAA210040 Datasheet HTML 2Page - Renesas Technology Corp RAA210040 Datasheet HTML 3Page - Renesas Technology Corp RAA210040 Datasheet HTML 4Page - Renesas Technology Corp RAA210040 Datasheet HTML 5Page - Renesas Technology Corp RAA210040 Datasheet HTML 6Page - Renesas Technology Corp RAA210040 Datasheet HTML 7Page - Renesas Technology Corp RAA210040 Datasheet HTML 8Page - Renesas Technology Corp RAA210040 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Datasheet
R16DS0137EU0100 Rev.1.0
Page 1
Apr 13, 2021
© 2021 Renesas Electronics
The RAA210040 power module is a compact,
synchronous step-down, non-isolated complete
power supply, capable of delivering up to 4A of
continuous current. By operating from a single 2.7V to
5.5V input power rail and integrating the controller,
gate driver, power inductor, and MOSFETs, the
RAA210040 is optimized for space-constrained
applications.
Based on a peak current mode control scheme, the
RAA210040 provides fast transient response and
excellent loop stability. The output voltage can be set
as low as 0.6V, with setpoint accuracy better than
1.5% over line, load, and temperature. The operating
frequency has a 2MHz default setting; however, it can
also be set from 500kHz to 4MHz by an external
resistor. The external synchronization is supported
with an external clock signal up to 4MHz. The
RAA210040 supports a 100% duty cycle operation to
minimize the switching losses and allows less than
200mV dropout voltage. A dedicated enable pin and
power-good flag allows for easy system power rails
sequencing.
An array of protection features, including input
Undervoltage Lockout (UVLO), Overcurrent
Protection (OCP), output Overvoltage Protection
(OVP), and Over-temperature Protection (OTP),
ensures safe operations under abnormal operating
conditions.
Features
▪ 4A complete power supply
• Integrates controller, gate driver, MOSFETs, and
inductor
▪ 2.7V to 5.5V input voltage range
▪ Adjustable output voltage
• As low as 0.6V with ±1.5% accuracy over line,
load, and temperature
• Up to 95% efficiency
▪ Default 2MHz current mode control operation
• 500kHz to 4MHz resistor adjustable
• External synchronization up to 4MHz
• 100% duty cycle
▪ Dedicated enable pin and power-good flag
▪ Internal 1ms soft start-up time
▪ Soft-stop output discharge
▪ UVLO, OCP, negative OCP, OVP, and OTP
• OCP/Short-Circuit Protection (SCP) hiccup
mode
▪ Compact RoHS compliant 3mmx3mmx1.7mm
dual flat no-lead (DFN) package
Applications
▪ Telecom, Industrial, optical, and medical equipment
▪ Point-of-load conversions
▪ MCU, MPU, DSP, and FPGA
Figure 1. Typical Application Circuit
Figure 2. Efficiency VOUT = 1.2V
RAA210040
2.7V to 5.5V Input
CIN
COUT
1.2V 4A Output
Power-Good
VIN
VOUT
EN
PGOOD
SYNC
FS
PGND
FB
SGND
COMP
100k
100k

390pF
820pF
169k

60
65
70
75
80
85
90
95
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Load Current (A)
3.3Vin, 1.2MHz
5Vin, 1.2MHz
RAA210040
5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor


Similar Part No. - RAA210040

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA210040 RENESAS-RAA210040 Datasheet
2Mb / 13P
Demonstration Board Manual
Apr 14, 2021 Rev.1.1
RAA210040 RENESAS-RAA210040 Datasheet
993Kb / 25P
5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
Jun 15, 2023
RAA210040 RENESAS-RAA210040_V01 Datasheet
993Kb / 25P
5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
Jun 15, 2023
More results

Similar Description - RAA210040

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
14VIN, 4A Step-Down DC/DC Module Regulator
logo
Monolithic Power System...
MPM3606A MPS-MPM3606A Datasheet
1Mb / 23P
21V/0.6A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
MPM3610A MPS-MPM3610A Datasheet
805Kb / 23P
21V/1.2A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
MPM3630 MPS-MPM3630 Datasheet
1Mb / 20P
18V/3A DC/DC Module Synchronous Step-Down Regulator with Integrated Inductor
logo
Linear Technology
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
14VIN, 4A Step-Down DC/DC 關Module Regulator
logo
Intel Corporation
EN6340QI INTEL-EN6340QI Datasheet
2Mb / 28P
Step-Down DC-DC Switching Converter with Integrated Inductor
logo
Maxim Integrated Produc...
MAXM17502 MAXIM-MAXM17502 Datasheet
564Kb / 15P
1A, 60V High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
Rev 2; 5/19
MAXM17536 MAXIM-MAXM17536 Datasheet
1Mb / 22P
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
Rev 1; 8/19
logo
Intel Corporation
EN6363QI INTEL-EN6363QI Datasheet
1Mb / 28P
Step-Down DC-DC Switching Converter with Integrated Inductor
July 19, 2017 Rev A
logo
Renesas Technology Corp
RAA210030 RENESAS-RAA210030 Datasheet
3Mb / 27P
5V, 3A Step-Down DC/DC Mini Module with Integrated Inductor
Jun 15, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com