Electronic Components Datasheet Search
  English  ▼

X  

RAA210040 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # RAA210040
Description  5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210040 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button RAA210040 Datasheet HTML 17Page - Renesas Technology Corp RAA210040 Datasheet HTML 18Page - Renesas Technology Corp RAA210040 Datasheet HTML 19Page - Renesas Technology Corp RAA210040 Datasheet HTML 20Page - Renesas Technology Corp RAA210040 Datasheet HTML 21Page - Renesas Technology Corp RAA210040 Datasheet HTML 22Page - Renesas Technology Corp RAA210040 Datasheet HTML 23Page - Renesas Technology Corp RAA210040 Datasheet HTML 24Page - Renesas Technology Corp RAA210040 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
R16DS0137EU0100 Rev.1.0
Page 22
Apr 13, 2021
RAA210040 Datasheet
8.2
Thermal Vias
Place a grid of 1.0mm to 1.2mm pitched thermal vias, which drops down and connects to buried copper planes
under the thermal land. The vias should be about 0.3mm to 0.33mm in diameter, with the barrel plated to about
2.0 ounce copper. Although adding more vias (by decreasing pitch) improves thermal performance, it also
diminishes results as more vias are added. Use only as many vias as needed for the thermal land size and as
your board design rules allow.
8.3
Stencil Pattern Design
Reflowed solder joints on the perimeter I/O lands should have about a 50µm to 75µm (2 mil to 3 mil) standoff
height. The solder paste stencil design is the first step in developing optimized, reliable solder joins. The stencil
aperture size to land size ratio should typically be 1:1. Reduce the aperture width slightly to help prevent solder
bridging between adjacent I/O lands.
Renesas recommends using an array of smaller apertures instead of one large aperture to reduce the solder
paste volume on larger thermal lands. The stencil printing area should cover 50% to 80% of the PCB layout
pattern. Consider the symmetry of the whole stencil pattern when designing the pads.
Renesas recommends using a laser-cut, stainless-steel stencil with electropolished trapezoidal walls.
Electropolishing smooths the aperture walls, resulting in reduced surface friction and better paste release, which
reduces voids. Using a Trapezoidal Section Aperture (TSA) also promotes paste release and forms a brick-like
paste deposit, which assists in firm component placement.
8.4
Reflow Parameters
Renesas recommends using a No Clean Type 3 solder paste, per ANSI/J-STD-005 because of the low mount
height of the DFN package. Nitrogen purge is also recommended during reflow. A system board reflow profile
depends on the thermal mass of the entire populated board, therefore, it is not practical to define a specific
soldering profile just for the DFN package. The profile given in TB493 is provided as a guideline to customize for
varying manufacturing practices and applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com