Electronic Components Datasheet Search
  English  ▼

X  

RAA210040 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # RAA210040
Description  5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210040 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button RAA210040 Datasheet HTML 17Page - Renesas Technology Corp RAA210040 Datasheet HTML 18Page - Renesas Technology Corp RAA210040 Datasheet HTML 19Page - Renesas Technology Corp RAA210040 Datasheet HTML 20Page - Renesas Technology Corp RAA210040 Datasheet HTML 21Page - Renesas Technology Corp RAA210040 Datasheet HTML 22Page - Renesas Technology Corp RAA210040 Datasheet HTML 23Page - Renesas Technology Corp RAA210040 Datasheet HTML 24Page - Renesas Technology Corp RAA210040 Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
R16DS0137EU0100 Rev.1.0
Page 24
Apr 13, 2021
RAA210040 Datasheet
10. Ordering Information
11. Revision History
Part Number[1][2]
1. These plastic packaged products are RoHS compliant by EU exemption 7C-I and employ special Pb-free material sets; molding
compounds/die attach materials and NiPdAu plate - e4 termination finish which is compatible with both SnPb and Pb-free soldering
operations. RoHS compliant products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J-STD-020.
2. For Moisture Sensitivity Level (MSL), see the RAA210040 device page. For information about MSL, see TB363.
Part
Marking
Package Description
(RoHS Compliant)
Pkg.
Dwg. #
Carrier
Type[3]
3. See TB347 for details about reel specifications.
Junction
Temperature
RAA2100404GLG#HD0
0040
10 Ld 3x3 Dual Flat No-Leads
Package
Y10.3X3
Reel, 3k
-40 to +125
RAA2100404GLG#MD0
Reel, 1k
RTKA210040DR0000BU
Demonstration Board
Rev.
Date
Description
1.0
Apr 13, 2021
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com