Electronic Components Datasheet Search
  English  ▼

X  

RAA210040 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # RAA210040
Description  5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA210040 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button RAA210040 Datasheet HTML 12Page - Renesas Technology Corp RAA210040 Datasheet HTML 13Page - Renesas Technology Corp RAA210040 Datasheet HTML 14Page - Renesas Technology Corp RAA210040 Datasheet HTML 15Page - Renesas Technology Corp RAA210040 Datasheet HTML 16Page - Renesas Technology Corp RAA210040 Datasheet HTML 17Page - Renesas Technology Corp RAA210040 Datasheet HTML 18Page - Renesas Technology Corp RAA210040 Datasheet HTML 19Page - Renesas Technology Corp RAA210040 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
R16DS0137EU0100 Rev.1.0
Page 16
Apr 13, 2021
RAA210040 Datasheet
When the FS pin is directly tied to VIN, the frequency of operation is fixed at 2MHz. See Table 1 to help with the
selection of switching frequency for typical operation conditions. More detailed information on recommended
switching frequency is provided in the Switching Frequency Selection section.
5.3
Overcurrent Protection (OCP)
The overcurrent protection is implemented by monitoring the CSA output with the OCP comparator, as shown in
Figure 4. The current-sensing circuit has a gain of 200mV/A, from the P-channel MOSFET current to the CSA
output. When the CSA output reaches the threshold, the OCP comparator is tripped and turns off the P-channel
MOSFET immediately. The overcurrent function protects the module from a shorted output by monitoring the
current flowing through the P-channel MOSFET.
With the detection of an overcurrent condition, the P-channel MOSFET is immediately turned off and is not turned
on again until the next switching cycle. With the detection of the initial overcurrent condition, the overcurrent fault
counter is set to 1. During the subsequent cycle, if another overcurrent condition is detected, the OC fault counter
is incremented. If there are 17 sequential OC fault detections, the module shuts down under an overcurrent fault
condition. An overcurrent fault condition results in the module attempting to restart in Hiccup mode within the
delay of eight soft start-up periods. At the end of the eighth soft start-up wait period, the fault counters are reset
and soft start-up is attempted again. If the overcurrent condition goes away during the delay of eight soft start-up
periods, the output resumes back into regulation after the Hiccup mode expires as shown in Figure 34.
5.4
Negative Current Protection
Similar to overcurrent, the negative current protection is realized by monitoring the current across the low-side
N-channel MOSFET, as shown in Figure 4. When the valley point of the inductor current reaches -3A for four
consecutive cycles, both P-channel MOSFET and N-channel MOSFET are turned off. The 100Ω in parallel to the
N-channel MOSFET activates discharging the output into regulation. The control begins to switch when output is
within regulation.
5.5
Power-Good
Power-Good (PG) is the open-drain output of a window comparator that continuously monitors the module output
voltage. PG is actively held low when EN is low and during the module soft start-up period. After the 1ms delay of
the soft start-up period, PG becomes high impedance as long as the output voltage is within the nominal
regulation voltage set by VFB. During an output overvoltage fault condition (output voltage is 33% higher than
nominal value) or an output undervoltage fault condition (output voltage is 15% lower than nominal value), PG is
pulled low. Any fault condition forces PG low until the fault condition is cleared during soft start-up. For logic level
output voltages, connect an external pull-up resistor between PG and VIN. A 100kΩ resistor works well in most
applications.
Figure 34. OCP Response; Output Short-Circuited from No Load to Ground and Released, VOUT = 1.2V
8ms
IIN 2A/Div
VOUT 1V/Div
PG 5V/Div
500µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com