Electronic Components Datasheet Search
  English  ▼

X  

DSP56321 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # DSP56321
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button DSP56321 Datasheet HTML 44Page - NXP Semiconductors DSP56321 Datasheet HTML 45Page - NXP Semiconductors DSP56321 Datasheet HTML 46Page - NXP Semiconductors DSP56321 Datasheet HTML 47Page - NXP Semiconductors DSP56321 Datasheet HTML 48Page - NXP Semiconductors DSP56321 Datasheet HTML 49Page - NXP Semiconductors DSP56321 Datasheet HTML 50Page - NXP Semiconductors DSP56321 Datasheet HTML 51Page - NXP Semiconductors DSP56321 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
2-24
AC Electrical Characteristics
2.5.8
ESSI0/ESSI1 Timing
Table 2-12. ESSI Timings
No.
Characteristics4, 6
Symbol
Expression
220 MHz
240 MHz
Cond-
ition5
Unit
Min Max Min Max
430
Clock cycle1
TECCX
TECCI
6
× T
C
8
× T
C
27.3
36.4
—
—
25.0
33.3
—
—
x ck
i ck
ns
ns
431
Clock high period
•
For external clock
•
For internal clock
TECCX/2 − 10.0
TECCI/2 − 10.0
3.7
8.2
—
—
2.5
6.7
—
—
x ck
i ck
ns
ns
432
Clock low period
•
For external clock
•
For internal clock
TECCX/2 − 10.0
TECCI/2 − 10.0
3.7
8.2
—
—
2.5
6.7
—
—
x ck
i ck
ns
ns
433
RXC rising edge to FSR out (bit-length) high
0.25
× T
ECCX
0.25
× T
ECCI
—
—
6.8
9.1
—
—
6.3
8.3
x ck
i ck a
ns
434
RXC rising edge to FSR out (bit-length) low
0.25
× T
ECCX
0.25
× T
ECCI
—
—
6.8
9.1
—
—
6.3
8.3
x ck
i ck a
ns
435
RXC rising edge to FSR out (word-length-relative)
high2
0.25
× T
ECCX
0.25
× T
ECCI
—
—
6.8
9.1
—
—
6.3
8.3
x ck
i ck a
ns
436
RXC rising edge to FSR out (word-length-relative)
low2
0.25
× T
ECCX
0.25
× T
ECCI
—
—
6.8
9.1
—
—
6.3
8.3
x ck
i ck a
ns
437
RXC rising edge to FSR out (word-length) high
0.25
× T
ECCX
0.25
× T
ECCI
—
—
6.8
9.1
—
—
6.3
8.3
x ck
i ck a
ns
438
RXC rising edge to FSR out (word-length) low
0.25
× T
ECCX
0.25
× T
ECCI
—
—
6.8
9.1
—
—
6.3
8.3
x ck
i ck a
ns
439
Data in setup time before RXC (SCK in
Synchronous mode) falling edge
0.2
× T
ECCX
0.2
× T
ECCI
5.5
7.3
—
—
5
6.7
—
—
x ck
i ck
ns
440
Data in hold time after RXC falling edge
0.15
× T
ECCX
0.15
× T
ECCI
4.1
5.5
—
—
3.8
5.0
—
—
x ck
i ck
ns
441
FSR input (bl, wr) high before RXC falling edge2
0.2
× T
ECCX
0.2
× T
ECCI
5.5
7.3
—
—
5
6.7
—
—
x ck
i ck a
ns
442
FSR input (wl) high before RXC falling edge
0.2
× T
ECCX
0.2
× T
ECCI
5.5
7.3
—
—
5
6.7
—
—
x ck
i ck a
ns
443
FSR input hold time after RXC falling edge
0.15
× T
ECCX
0.15
× T
ECCI
4.1
5.5
—
—
3.8
5.0
—
—
x ck
i ck a
ns
444
Flags input setup before RXC falling edge
0.2
× T
ECCX
0.2
× T
ECCI
5.5
7.3
—
—
5
6.7
—
—
x ck
i ck s
ns
445
Flags input hold time after RXC falling edge
0.15
× T
ECCX
0.15
× T
ECCI
4.1
5.5
—
—
3.8
5.0
—
—
x ck
i ck s
ns
446
TXC rising edge to FST out (bit-length) high
0.25
× T
ECCX
0.25
× T
ECCI
—
—
6.8
9.1
—
—
6.3
8.3
x ck
i ck
ns
447
TXC rising edge to FST out (bit-length) low
0.25
× T
ECCX
0.25
× T
ECCI
—
—
6.8
9.1
—
—
6.3
8.3
x ck
i ck
ns
448
TXC rising edge to FST out (word-length-relative)
high2
0.25
× T
ECCX
0.25
× T
ECCI
—
—
6.8
9.1
—
—
6.3
8.3
x ck
i ck
ns
449
TXC rising edge to FST out (word-length-relative)
low2
0.25
× T
ECCX
0.25
× T
ECCI
—
—
6.8
9.1
—
—
6.3
8.3
x ck
i ck
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com