Electronic Components Datasheet Search
  English  ▼

X  

DSP56321 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # DSP56321
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button DSP56321 Datasheet HTML 52Page - NXP Semiconductors DSP56321 Datasheet HTML 53Page - NXP Semiconductors DSP56321 Datasheet HTML 54Page - NXP Semiconductors DSP56321 Datasheet HTML 55Page - NXP Semiconductors DSP56321 Datasheet HTML 56Page - NXP Semiconductors DSP56321 Datasheet HTML 57Page - NXP Semiconductors DSP56321 Datasheet HTML 58Page - NXP Semiconductors DSP56321 Datasheet HTML 59Page - NXP Semiconductors DSP56321 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
2-32
AC Electrical Characteristics
2.5.12
OnCE Module TimIng
Table 2-15. OnCE Module Timing
No.
Characteristics
Expression
All
Frequencies
Unit
Min
Max
500
TCK frequency of operation
Max 22.0 MHz
0.0
22.0
MHz
514
DE assertion time in order to enter Debug mode
1.5
× T
C + 10.0
20.0
—ns
515
Response time when DSP56321T is executing NOP
instructions from internal memory
5.5
× T
C + 30.0
—
67.0
ns
516
Debug acknowledge assertion time
3
× T
C + 5.0
25.0
—
ns
Note:
VCCQH = 3.3 V ± 0.3 V, VCCQL = 1.6 V ± 0.1 V; TJ = 0°C to +85°C, CL = 50 pF
Figure 2-32. OnCE—Debug Request
DE
516
515
514
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com