Electronic Components Datasheet Search
  English  ▼

X  

DSP56321 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # DSP56321
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button DSP56321 Datasheet HTML 45Page - NXP Semiconductors DSP56321 Datasheet HTML 46Page - NXP Semiconductors DSP56321 Datasheet HTML 47Page - NXP Semiconductors DSP56321 Datasheet HTML 48Page - NXP Semiconductors DSP56321 Datasheet HTML 49Page - NXP Semiconductors DSP56321 Datasheet HTML 50Page - NXP Semiconductors DSP56321 Datasheet HTML 51Page - NXP Semiconductors DSP56321 Datasheet HTML 52Page - NXP Semiconductors DSP56321 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
2-25
AC Electrical Characteristics
450
TXC rising edge to FST out (word-length) high
0.25
× T
ECCX
0.25
× T
ECCI
—
—
6.8
9.1
—
—
6.3
8.3
x ck
i ck
ns
451
TXC rising edge to FST out (word-length) low
0.25
× T
ECCX
0.25
× T
ECCI
—
—
6.8
9.1
—
—
6.3
8.3
x ck
i ck
ns
452
TXC rising edge to data out enable from high
impedance
0.25
× T
ECCX
0.25
× T
ECCI
—
—
6.8
9.1
—
—
6.3
8.3
x ck
i ck
ns
453
TXC rising edge to Transmitter #0 drive enable
assertion
0.25
× T
ECCX
0.25
× T
ECCI
—
—
6.8
9.1
—
—
6.3
8.3
x ck
i ck
ns
454
TXC rising edge to data out valid
0.25
× T
ECCX
0.25
× T
ECCI
—
—
6.8
9.1
—
—
6.3
8.3
x ck
i ck
ns
455
TXC rising edge to data out high impedance3
0.25
× T
ECCX
0.25
× T
ECCI
—
—
6.8
9.1
—
—
6.3
8.3
x ck
i ck
ns
456
TXC rising edge to Transmitter #0 drive enable
deassertion3
0.25
× T
ECCX
0.25
× T
ECCI
—
—
6.8
9.1
—
—
6.3
8.3
x ck
i ck
ns
457
FST input (bl, wr) setup time before TXC falling
edge2
0.2
× T
ECCX
0.2
× T
ECCI
5.5
7.3
—
—
5
6.7
—
—
x ck
i ck
ns
458
FST input (wl) to data out enable from high
impedance
TBD
—
TBD
—
TBD
—
ns
459
FST input (wl) to Transmitter #0 drive enable
assertion
TBD
—
TBD
—
TBD
—
ns
460
FST input (wl) setup time before TXC falling edge
0.2
× T
ECCX
0.2
× T
ECCI
5.5
7.3
—
—
5
6.7
—
—
x ck
i ck
ns
461
FST input hold time after TXC falling edge
0.15
× T
ECCX
0.15
× T
ECCI
4.1
5.5
—
—
3.8
5.0
—
—
x ck
i ck
ns
462
Flag output valid after TXC rising edge
0.25
× T
ECCX
0.25
× T
ECCI
—
—
6.8
9.1
—
—
6.3
8.3
x ck
i ck
ns
Notes:
1.
For the internal clock, the external clock cycle is defined by the instruction cycle time (timing 7 in Table 2-5 on page
2-5) and the ESSI control register. TECCX must be ≥ TC × 3, in accordance with the note below Table 7-1 in the
DSP56321 Reference Manual. TECCI must be ≥ TC × 4, in accordance with the explanation of CRA[PSR] and the
ESSI Clock Generator Functional Block Diagram shown in Figure 7-3 of the DSP56321 Reference Manual.
2.
The word-length-relative frame sync signal waveform operates the same way as the bit-length frame sync signal
waveform, but spreads from one serial clock before the first bit clock (same as the Bit Length Frame Sync signal)
until the one before last bit clock of the first word in the frame.
3.
Periodically sampled and not 100 percent tested
4.
VCCQH = 3.3 V ± 0.3 V, VCCQL = 1.6 V ± 0.1 V; TJ = 0°C to +85°C, CL = 50 pF
5.
TXC (SCK Pin) = Transmit Clock
RXC (SC0 or SCK Pin) = Receive Clock
FST (SC2 Pin) = Transmit Frame Sync
FSR (SC1 or SC2 Pin) Receive Frame Sync
6.
i ck = Internal Clock; x ck = External Clock
i ck a = Internal Clock, Asynchronous Mode (asynchronous implies that TXC and RXC are two different clocks)
i ck s = Internal Clock, Synchronous Mode (synchronous implies that TXC and RXC are the same clock)
7.
In the timing diagrams below, the clocks and frame sync signals are drawn using the clock falling edge as a the first
reference. Clock and frame sync polarities are programmable in Control Register B (CRB). Refer to the
DSP56321
Reference Manual for details.
Table 2-12. ESSI Timings (Continued)
No.
Characteristics4, 6
Symbol
Expression
220 MHz
240 MHz
Cond-
ition5
Unit
Min Max Min Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com