Electronic Components Datasheet Search
  English  ▼

X  

DSP56321 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # DSP56321
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button DSP56321 Datasheet HTML 64Page - NXP Semiconductors DSP56321 Datasheet HTML 65Page - NXP Semiconductors DSP56321 Datasheet HTML 66Page - NXP Semiconductors DSP56321 Datasheet HTML 67Page - NXP Semiconductors DSP56321 Datasheet HTML 68Page - NXP Semiconductors DSP56321 Datasheet HTML 69Page - NXP Semiconductors DSP56321 Datasheet HTML 70Page - NXP Semiconductors DSP56321 Datasheet HTML 71Page - NXP Semiconductors DSP56321 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
4-2
Electrical Design Considerations
A complicating factor is the existence of three common ways to determine the junction-to-case thermal
resistance in plastic packages.
• To minimize temperature variation across the surface, the thermal resistance is measured from the
junction to the outside surface of the package (case) closest to the chip mounting area when that surface
has a proper heat sink.
• To define a value approximately equal to a junction-to-board thermal resistance, the thermal resistance
is measured from the junction to the point at which the leads attach to the case.
• If the temperature of the package case (TT) is determined by a thermocouple, thermal resistance is
computed from the value obtained by the equation (TJ – TT)/PD.
As noted earlier, the junction-to-case thermal resistances quoted in this data sheet are determined using
the first definition. From a practical standpoint, that value is also suitable to determine the junction
temperature from a case thermocouple reading in forced convection environments. In natural convection,
the use of the junction-to-case thermal resistance to estimate junction temperature from a thermocouple
reading on the case of the package will yield an estimate of a junction temperature slightly higher than
actual temperature. Hence, the new thermal metric, thermal characterization parameter or
Ψ
JT, has been
defined to be (TJ – TT)/PD. This value gives a better estimate of the junction temperature in natural
convection when the surface temperature of the package is used. Remember that surface temperature
readings of packages are subject to significant errors caused by inadequate attachment of the sensor to the
surface and to errors caused by heat loss to the sensor. The recommended technique is to attach a
40-gauge thermocouple wire and bead to the top center of the package with thermally conductive epoxy.
4.2 Electrical Design Considerations
Use the following list of recommendations to ensure correct DSP operation.
• Provide a low-impedance path from the board power supply to each VCC pin on the DSP and from the
board ground to each GND pin.
• Use at least six 0.01–0.1
µF bypass capacitors positioned as close as possible to the four sides of the
package to connect the VCC power source to GND.
• Ensure that capacitor leads and associated printed circuit traces that connect to the chip VCC and GND
pins are less than 0.5 inch per capacitor lead.
• Use at least a four-layer PCB with two inner layers for VCC and GND.
CAUTION
This device contains protective circuitry to
guard against damage due to high static
voltage or electrical fields. However, normal
precautions are advised to avoid application
of any voltages higher than maximum rated
voltages
to
this
high-impedance
circuit.
Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage
level (for example, either GND or VCC).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com