Electronic Components Datasheet Search
  English  ▼

X  

EL1507CS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL1507CS
Description  Medium Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1507CS Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL1507CS Datasheet HTML 1Page - Renesas Technology Corp EL1507CS Datasheet HTML 2Page - Renesas Technology Corp EL1507CS Datasheet HTML 3Page - Renesas Technology Corp EL1507CS Datasheet HTML 4Page - Renesas Technology Corp EL1507CS Datasheet HTML 5Page - Renesas Technology Corp EL1507CS Datasheet HTML 6Page - Renesas Technology Corp EL1507CS Datasheet HTML 7Page - Renesas Technology Corp EL1507CS Datasheet HTML 8Page - Renesas Technology Corp EL1507CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
EL1507
FN7013 Rev 3.00
Page 3 of 16
March 26, 2007
Absolute Maximum Ratings (TA = +25°C)
VS+ to VS- Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . 26.4V
VS+ Voltage to Ground . . . . . . . . . . . . . . . . . . . . . . -0.3V to +26.4V
VS- Voltage to Ground . . . . . . . . . . . . . . . . . . . . . . . . -26.4V to 0.3V
Input C0/C1 to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7V
VIN+ Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VS- to VS+
Current Into Any Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8mA
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 75mA
Operating Temperature Range . . . . . . . . . . . . . . . . .-40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . . . . . .-60°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . .-40°C to +150°C
Power Dissipation . . . . . .See Power Supplies & Dissipation section
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS = ±12V, RF= 1.5k, RL= 75to GND, TA = +25°C. unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
AV = +4
70
MHz
HD
Total Harmonic Distortion
f = 1MHz, VO = 16VP-P, RL = 50
-75
dBc
dG
Differential Gain
AV = +2, RL = 37.5
0.17
%
d
Differential Phase
AV = +2, RL = 37.5
0.1
°
SR
Slew Rate
VOUT from -4.5V to +4.5V
350
500
V/µs
DC PERFORMANCE
VOS
Offset Voltage
-17
17
mV
VOS
VOS Mismatch
-10
10
mV
ROL
Transimpedance
VOUT from -4.5V to +4.5V
1
2
3.5
M
INPUT CHARACTERISTICS
IB+
Non-Inverting Input Bias Current
-5
5
µA
IB-
Inverting Input Bias Current
-30
30
µA
IB-IB- Mismatch
-20
20
µA
eN
Input Noise Voltage
2.8
nV/Hz
iN+
+Input Noise Current
1.8
pA/Hz
iN-
-Input Noise Current
19
pA/Hz
VIH
Input High Voltage
C0 & C1 inputs
2.3
V
VIL
Input Low Voltage
C0 & C1 inputs
1.5
V
IIH1
Input High Current for C1
C1 = 5V
0.2
8
µA
IIH0
Input High Current for C0
C0 = 5V
0.1
4
µA
IIL
Input Low Current for C1 or C0
C1 = 0V, C0 = 0V
-1
1
µA
OUTPUT CHARACTERISTICS
VOUT
Loaded Output Swing Single Ended
RL = 100 to GND
±10.3
±10.9
V
VOUT P
Loaded Output Swing Single Ended
RL = 25 to GND
9.5
10.2
V
VOUT N
Loaded Output Swing Single Ended
RL = 25 to GND
-8.2
-9.8
V
IOUT
Output Current
RL = 0
500
mA
SUPPLY
VS
Supply Voltage
Single supply
5
24
V
IS+ (Full Power)
Positive Supply Current per Amplifier
All outputs at 0V, C0 = C1 = 0V
7.5
9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com