Electronic Components Datasheet Search
  English  ▼

X  

EL1507CS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL1507CS
Description  Medium Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1507CS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL1507CS Datasheet HTML 4Page - Renesas Technology Corp EL1507CS Datasheet HTML 5Page - Renesas Technology Corp EL1507CS Datasheet HTML 6Page - Renesas Technology Corp EL1507CS Datasheet HTML 7Page - Renesas Technology Corp EL1507CS Datasheet HTML 8Page - Renesas Technology Corp EL1507CS Datasheet HTML 9Page - Renesas Technology Corp EL1507CS Datasheet HTML 10Page - Renesas Technology Corp EL1507CS Datasheet HTML 11Page - Renesas Technology Corp EL1507CS Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
EL1507
FN7013 Rev 3.00
Page 8 of 16
March 26, 2007
FIGURE 23. DIFFERENTIAL TOTAL HARMONIC DISTORTION
vs DIFFERENTIAL OUTPUT AMPLITUDE
FIGURE 24. DIFFERENTIAL HARMONIC DISTORTION vs
DIFFERENTIAL OUTPUT AMPLITUDE
(1/2 POWER MODE)
FIGURE 25. DIFFERENTIAL TOTAL HARMONIC DISTORTION
vs DIFFERENTIAL OUTPUT AMPLITUDE
(EL1507CS)
FIGURE 26. DIFFERENTIAL HARMONIC DISTORTION vs
DIFFERENTIAL OUTPUT AMPLITUDE
(3/4 POWER MODE)
FIGURE 27. DIFFERENTIAL TOTAL HARMONIC DISTORTION
vs DIFFERENTIAL OUTPUT AMPLITUDE
(EL1507CL)
FIGURE 28. DIFFERENTIAL HARMONIC DISTORTION vs
DIFFERENTIAL OUTPUT AMPLITUDE
(1/2 POWER MODE)
Typical Performance Curves
-40
-50
-90
2
1018263442
VOP-P (V)
-60
-70
-80
VS=±6V
VS=±12V
RF=1.5k
AV=5
RL=100
f=150kHz
ALL POWER
LEVELS
CS & CL
-50
-60
-90
2
1018
26
3442
VOP-P (V)
-70
-80
-85
-55
-65
-75
VS=±12V
AV=10
RL=100
RF=1.5k
f=1MHz
HD2
HD2
HD3
HD3
EL1507CL
EL1507CS
-50
-55
-60
-65
-70
-80
234
42
VOP-P (V)
-75
10
18
26
VS=±12V
AV=5
RL=100
RF=1.5k
f=1MHz
FULL POWER
1/2 POWER
3/4 POWER
-45
-60
-90
2
6
10
14
18
20
VOP-P (V)
-70
-80
-85
-50
-65
-75
-55
4
8
12
16
VS=±6V
AV=5
RL=100
RF=1.5k
f=1MHz
HD3
HD3
HD2
HD2
EL1507CL
EL1507CS
-50
-55
-65
-75
-80
212
22
32
42
VOP-P (V)
-60
-70
VS=±12V
AV=5
RL=100
RF=1.5k
f=1MHz
FULL POWER
1/2 POWER
3/4 POWER
-45
-55
-90
2
6
10
14
18
20
VOP-P (V)
-70
-80
-85
-50
-60
-75
-65
4
8
12
16
VS=±6V
AV=5
RL=100
RF=1.5k
f=1MHz
HD2
HD2
HD3
HD3
EL1507CL
EL1507CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com