Electronic Components Datasheet Search
  English  ▼

X  

EL1507CS Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # EL1507CS
Description  Medium Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1507CS Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button EL1507CS Datasheet HTML 8Page - Renesas Technology Corp EL1507CS Datasheet HTML 9Page - Renesas Technology Corp EL1507CS Datasheet HTML 10Page - Renesas Technology Corp EL1507CS Datasheet HTML 11Page - Renesas Technology Corp EL1507CS Datasheet HTML 12Page - Renesas Technology Corp EL1507CS Datasheet HTML 13Page - Renesas Technology Corp EL1507CS Datasheet HTML 14Page - Renesas Technology Corp EL1507CS Datasheet HTML 15Page - Renesas Technology Corp EL1507CS Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
EL1507
FN7013 Rev 3.00
Page 14 of 16
March 26, 2007
The overall power dissipation (PDISS) is obtained by adding
PDquiescent and PDtransistor.
Then, the
JA requirement needs to be calculated. This is done
using the equation:
where:
TJUNCT is the maximum die temperature (150°C)
TAMB is the maximum ambient temperature
PDISS is the dissipation calculated above
JA is the junction to ambient thermal resistance for the
package when mounted on the PCB
This
JA value is then used to calculate the area of copper
needed on the board to dissipate the power.
The SO power packages are designed so that heat may be
conducted away from the device in an efficient manner. To
disperse this heat, the center leads are internally connected to
the mounting platform of the die. Heat flows through the leads
into the circuit board copper, then spreads and convects to air.
Thus, the ground plane on the component side of the board
becomes the heatsink. This has proven to be a very effective
technique. A separate application note details the 16 Ld QFN
PCB design considerations.
Single Supply Operation
The EL1507 can also be powered from a single supply voltage.
When operating in this mode, the GND pins can still be
connected directly to GND. To calculate power dissipation, the
equations in the previous section should be used, with VS
equal to half the supply rail.
Output Loading
While the drive amplifiers can output in excess of 400mA
transiently, the internal metallization is not designed to carry
more than 75mA of steady DC current and there is no current-
limit mechanism. This allows safely driving rms sinusoidal
currents of 2 x 75mA, or 150mA. This current is more than that
required to drive line impedances to large output levels, but
output short circuits cannot be tolerated. The series output
resistor will usually limit currents to safe values in the event of
line shorts. Driving lines with no series resistor is a serious
hazard.
The amplifiers are sensitive to capacitive loading. More than 25pF
will cause peaking of the frequency response. The same is true of
badly terminated lines connected without a series matching
resistor.
Power Supplies
The power supplies should be well bypassed close to the EL1507.
A 3.3µF tantalum capacitor for each supply works well. Since the
load currents are differential, they should not travel through the
board copper and set up ground loops that can return to amplifier
inputs. Due to the class AB output stage design, these currents
have heavy harmonic content. If the ground terminal of the
positive and negative bypass capacitors are connected to each
other directly and then returned to circuit ground, no such ground
loops will occur. This scheme is employed in the layout of the
EL1507 demonstration board, and documentation can be
obtained from the factory.
Feedback Resistor Value
The bandwidth and peaking of the amplifiers varies with supply
voltage somewhat and with gain settings. The feedback resistor
values can be adjusted to produce an optimal frequency
response. Here is a series of resistor values that produce an
optimal driver frequency response (<1dB peaking) for different
supply voltages and gains:
Power Control Function
The EL1507 contains two forms of power control operation. Two
digital inputs, C0 and C1, can be used to control the supply
current of the EL1507 drive amplifiers. As the supply current is
reduced, the EL1507 will start to exhibit slightly higher levels of
distortion and the frequency response will be limited. The 4 power
modes of the EL1507 are set up as shown in the table below:
JA
TJUNCT TAMB
–

PDISS
-------------------------------------------------
=
TABLE 1. OPTIMUM DRIVER FEEDBACK RESISTOR FOR
VARIOUS GAINS AND SUPPLY VOLTAGES
Supply
Voltage
Driver Voltage Gain
2.5
5
10
±5V
2k
1.8k
1.5k
±12V
2k
1.8k
1.5k
TABLE 2. POWER MODES OF THE EL1507
C1
C0
Operation
00
IS Full Power Mode
01
¾-IS Power Mode
10
½-IS Power Mode
1
1
Power Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com