Electronic Components Datasheet Search
  English  ▼

X  

EL1507CS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL1507CS
Description  Medium Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1507CS Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL1507CS Datasheet HTML 1Page - Renesas Technology Corp EL1507CS Datasheet HTML 2Page - Renesas Technology Corp EL1507CS Datasheet HTML 3Page - Renesas Technology Corp EL1507CS Datasheet HTML 4Page - Renesas Technology Corp EL1507CS Datasheet HTML 5Page - Renesas Technology Corp EL1507CS Datasheet HTML 6Page - Renesas Technology Corp EL1507CS Datasheet HTML 7Page - Renesas Technology Corp EL1507CS Datasheet HTML 8Page - Renesas Technology Corp EL1507CS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
EL1507
FN7013 Rev 3.00
Page 4 of 16
March 26, 2007
IS- (Full Power)
Negative Supply Current per Amplifier All outputs at 0V, C0 = C1 = 0V
-7
-8.5
mA
IS+ (3/4 Power)
Positive Supply Current per Amplifier
All outputs at 0V, C0 = 5V, C1 = 0V
6
7.5
mA
IS- (3/4 Power)
Negative Supply Current per Amplifier All outputs at 0V, C0 = 5V, C1 = 0V
-5.5
-7
mA
IS+ (1/2 Power)
Positive Supply Current per Amplifier
All outputs at 0V, C0 = 0V, C1 = 5V
3.9
5.1
mA
IS- (1/2 Power)
Negative Supply Current per Amplifier All outputs at 0V, C0 = 0V, C1 = 5V
-3.3
-4.6
mA
IS+ (Power Down)
Positive Supply Current per Amplifier
All outputs at 0V, C0 = C1 = 5V
0.6
1
mA
IS- (Power Down)
Negative Supply Current per Amplifier All outputs at 0V, C0 = C1 = 5V
0
0.75
mA
IGND
GND Supply Current per Amplifier
All outputs at 0V
0.6
1
mA
Electrical Specifications
VS = ±12V, RF= 1.5k, RL= 75to GND, TA = +25°C. unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1507CS - FULL POWER MODE)
FIGURE 2. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1507CS - FULL POWER MODE)
FIGURE 3. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1507CS - 3/4 POWER MODE)
FIGURE 4. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1507CS - 3/4 POWER MODE)
28
24
20
16
12
8
100K
1M
10M
100M
FREQUENCY (Hz)
2k
1k
1.5k
VS=±12V
AV=10
RL=100
22
18
14
10
6
2
100K
1M
10M
100M
FREQUENCY (Hz)
2k
1k
1.5k
VS=±12V
AV=5
RL=100
2k
1k
1.5k
28
24
20
16
12
8
100K
1M
10M
100M
FREQUENCY (Hz)
VS=±12V
AV=10
RL=100
22
18
14
10
6
2
100K
1M
10M
100M
FREQUENCY (Hz)
2k
1k
1.5k
VS=±12V
AV=5
RL=100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com