Electronic Components Datasheet Search
  English  ▼

X  

EL1507CS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EL1507CS
Description  Medium Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1507CS Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button EL1507CS Datasheet HTML 3Page - Renesas Technology Corp EL1507CS Datasheet HTML 4Page - Renesas Technology Corp EL1507CS Datasheet HTML 5Page - Renesas Technology Corp EL1507CS Datasheet HTML 6Page - Renesas Technology Corp EL1507CS Datasheet HTML 7Page - Renesas Technology Corp EL1507CS Datasheet HTML 8Page - Renesas Technology Corp EL1507CS Datasheet HTML 9Page - Renesas Technology Corp EL1507CS Datasheet HTML 10Page - Renesas Technology Corp EL1507CS Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
EL1507
FN7013 Rev 3.00
Page 7 of 16
March 26, 2007
FIGURE 17. FREQUENCY RESPONSE vs CLOAD
(EL1507CS - 1/2 POWER MODE)
FIGURE 18. FREQUENCY RESPONSE vs CLOAD
(EL1507CL - 1/2 POWER MODE)
FIGURE 19. DIFFERENTIAL BANDWIDTH vs SUPPLY
VOLTAGE
FIGURE 20. DIFFERENTIAL HARMONIC DISTORTION vs
DIFFERENTIAL OUTPUT AMPLITUDE
(FULL POWER MODE)
FIGURE 21. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 22. DIFFERENTIAL HARMONIC DISTORTION vs
DIFFERENTIAL OUTPUT AMPLITUDE
(3/4 POWER MODE)
Typical Performance Curves
30
22
14
6
-2
-10
100K
1M
10M
100M
FREQUENCY (Hz)
VS=±12V
AV=5
RL=100
RF=1.5k
22pF
10pF
0pF
30
22
14
6
-2
-10
100K
1M
10M
100M
FREQUENCY (Hz)
22pF
10pF
VS=±12V
AV=5
RL=100
RF=1.5k
0pF
55
50
45
40
35
30
5
6
7
8
9
101112
±VS (V)
FULL POW
ER
FUL
L PO
WER
3/4 PO
WER
3/4 PO
WER
1/2 P
OWE
R
1/2 PO
WER
EL1507CL
EL1507CS
AV=5, RF=1.5k, RL=100
-50
-60
-90
2
1018
26
3442
VOP-P (V)
-70
-80
-85
-55
-65
-75
VS=±12V
AV=5
RL=100
RF=1.5k
f=1MHz
HD3
EL1507CL
EL1507CS
HD3
HD2
HD2
18
14
10
6
2
0
0
2468
10
12
±VS (V)
16
12
8
4
IS- (1/2 POWER)
IS- (FULL POWER)
IS+ (3/4 POWER)
IS- (3/4 POWER)
IS+ (1/2 POWER)
IS+ (FULL POWER)
-50
-60
-90
2
1018
26
3442
VOP-P (V)
-70
-80
-85
-55
-65
-75
VS=±12V
AV=10
RL=100
RF=1.5k
f=1MHz
HD2
HD3
HD2
HD3
EL1507CL
EL1507CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com