Electronic Components Datasheet Search
  English  ▼

X  

EL1510CSZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL1510CSZ
Description  Medium Power Differential Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1510CSZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL1510CSZ Datasheet HTML 1Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 2Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 3Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 4Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 5Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 6Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 7Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 8Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EL1510
FN7122 Rev 2.00
Page 3 of 10
March 26, 2007
Typical Performance Curves
FIGURE 1. DIFFERENTIAL FREQUENCY RESPONSE vs RF
FIGURE 2. DIFFERENTIAL BANDWIDTH vs SUPPLY VOLTAGE
FIGURE 3. DIFFERENTIAL FREQUENCY RESPONSE vs RF
FIGURE 4. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 5. DIFFERENTIAL FREQUENCY RESPONSE vs CL
FIGURE 6. DIFFERENTIAL TOTAL HARMONIC DISTORTION
vs DIFFERENTIAL OUTPUT VOLTAGE - ALL
PACKAGES
28
24
20
16
12
8
100K
FREQUENCY (Hz)
1M
100M
10M
RF=1.5k
RF=1k
VS=±12V
AV=10
RL=100
RF=2k
55
51
47
43
39
35
58
10
±VS (V)
12
53
49
45
41
37
67
9
11
AV=5
RF=1.5k
RL=100
8 Ld DFN
8 Ld SO
22
18
14
10
6
2
100K
1M
FREQUENCY (Hz)
100M
10M
RF=2k
RF=1.5k
RF=1k
VS=±12V
AV=5
RL=100
16
12
8
4
2
0
03
8
±VS (V)
13
14
10
6
15
10
26
11
49
12
7
22
18
14
10
6
2
100K
1M
FREQUENCY (Hz)
100M
10M
CL=22pF
CL=0pF
CL=10pF
VS=±12V
AV=5
RL=100
RF=1.5k
-45
-50
-60
-70
-80
-90
VOP-P (V)
-55
-65
-75
-85
113
33
45
521
925
37
17
41
29
VS=±6V
VS=±12V
VS=±6V
AV=5
RF=1.5k
RL=100
f=1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com