Electronic Components Datasheet Search
  English  ▼

X  

EL1510CSZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL1510CSZ
Description  Medium Power Differential Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1510CSZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL1510CSZ Datasheet HTML 1Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 2Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 3Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 4Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 5Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 6Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 7Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 8Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EL1510
FN7122 Rev 2.00
Page 4 of 10
March 26, 2007
FIGURE 7. DIFFERENTIAL HARMONIC DISTORTION vs
DIFFERENTIAL OUTPUT VOLTAGE - ALL
PACKAGES
FIGURE 8. DISTORTION RESULTS
FIGURE 9. DIFFERENTIAL HARMONIC DISTORTION vs
DIFFERENTIAL OUTPUT VOLTAGE - ALL
PACKAGES
FIGURE 10. DISTORTION RESULTS
FIGURE 11. DIFFERENTIAL TOTAL HARMONIC DISTORTION
vs DIFFERENTIAL OUTPUT VOLTAGE - ALL
PACKAGES
FIGURE 12. OUTPUT IMPEDANCE vs FREQUENCY
Typical Performance Curves (Continued)
-50
-55
-65
-75
-85
-90
1
VOP-P (V)
719
13
39
15
511
17
-60
-70
-80
VS=±6V
AV=5
RF=1.5k
RL=100
f=1MHz
HD3
HD2
-40
-50
-80
-100
VOUT PTP (V)
-70
-90
020
25
510
15
-60
VS=±12V
RLOAD=200 (DIFF)
AV=10 & 15
200kHz
50kHz
100kHz
-50
-55
-65
-75
-85
-90
113
VOP-P (V)
37
25
VS=±12V
AV=5
RF=1.5k
RL=100
f=1MHz
521
45
33
917
41
29
-60
-70
-80
HD3
HD2
-30
-40
-70
-90
VOUT PTP (V)
-60
-80
07
10
12
4
9
35
-50
VS=±6V
RLOAD=200 (DIFF)
AV=10 & 15
68
200kHz
50kHz
100kHz
-50
-55
-65
-75
-80
-85
113
VOP-P (V)
45
25
-60
-70
517
37
29
921
41
33
VS=±12V
VS=±6V
AV=5
RF=1.5k
RL=100
f=1MHz
100
0.001
10K
100K
1M
100M
FREQUENCY (Hz)
0.1
0.01
10
1
10M
VS=±12V
AV=1
RF=1.5k



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com