Electronic Components Datasheet Search
  English  ▼

X  

EL1510CSZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL1510CSZ
Description  Medium Power Differential Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1510CSZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL1510CSZ Datasheet HTML 2Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 3Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 4Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 5Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 6Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 7Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 8Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 9Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
FN7122 Rev 2.00
Page 8 of 10
March 26, 2007
EL1510
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2004-2007. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Capacitance at the Inverting Input
Due to the topology of the current feedback amplifier, stray
capacitance at the inverting input will affect the AC and
transient performance of the EL1510 when operating in the
non-inverting configuration.
In the inverting gain mode, added capacitance at the
inverting input has little effect since this point is at a virtual
ground and stray capacitance is therefore not “seen” by the
amplifier.
Feedback Resistor Values
The EL1510 has been designed and specified with
RF=1.5k for AV=+5. This value of feedback resistor yields
extremely flat frequency response with no peaking out to
40MHz. As is the case with all current feedback amplifiers,
wider bandwidth, at the expense of slight peaking, can be
obtained by reducing the value of the feedback resistor.
Inversely, larger values of feedback resistor will cause rolloff
to occur at a lower frequency. See the curves in the Typical
Performance Curves section which show 3dB bandwidth and
peaking vs frequency for various feedback resistors and
various supply voltages.
Bandwidth vs Temperature
Whereas many amplifiers’ supply current and consequently
3dB bandwidth drop-off at high temperature, the EL1510
was designed to have little supply current variations with
temperature. An immediate benefit from this is that the 3dB
bandwidth does not drop off drastically with temperature.
Supply Voltage Range and Operation
The EL1510 has been designed to operate with supply
voltages from ±2.5V to ±12V. If a single supply is desired,
values from +5V to +24V can be used as long as the input
common mode range is not exceeded. When using a single
supply, be sure to either 1) DC bias the inputs at an
appropriate common mode voltage and AC couple the
signal, or 2) ensure the driving signal is within the common
mode range of the EL1510.
ADSL CPE Applications
The EL1510 is designed as a line driver for ADSL CPE
modems. It is capable of outputting 400mA of output current
with a typical supply voltage headroom of 1.8V. It can
achieve -85dBc of distortion at low 7.5mA of supply current
per amplifier.
The average line power requirement for the ADSL CPE
application is 13dBm (20mW) into a 100
 line. The average
line voltage is 1.41VRMS. The ADSL DMT peak to average
ratio (crest factor) of 5.3 implies peak voltage of 7.5V into the
line. Using a differential drive configuration and transformer
coupling with standard back termination, a transformer ratio
of 1:1 is selected. The circuit configuration is as shown
below.
-
+
-
+
100
TX1
1:1
50
50
1.5k
1.5k
300
AFE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com