Electronic Components Datasheet Search
  English  ▼

X  

EL1510CSZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # EL1510CSZ
Description  Medium Power Differential Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1510CSZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  EL1510CSZ Datasheet HTML 1Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 2Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 3Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 4Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 5Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 6Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 7Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 8Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
EL1510
FN7122 Rev 2.00
Page 5 of 10
March 26, 2007
FIGURE 13. CHANNEL SEPARATION vs FREQUENCY
FIGURE 14. VOLTAGE AND CURRENT NOISE vs FREQUENCY
FIGURE 15. PSRR vs FREQUENCY
FIGURE 16. DIFFERENTIAL GAIN
FIGURE 17. TRANSIMPEDANCE (ROL) vs FREQUENCY
FIGURE 18. DIFFERENTIAL PHASE
Typical Performance Curves (Continued)
-10
10K
100K
1M
10M
100M
FREQUENCY (Hz)
-30
-50
-90
-70
-110
B
 A
A
 B
100
1
10
100
10K
100K
1M
10M
FREQUENCY (Hz)
10
1K
IB+
IB-
EN
20
0
-80
10K
100M
FREQUENCY (Hz)
-40
-20
100K
1M
-60
PSRR-
PSRR+
10M
0.18
0.16
0.12
0.08
0.04
02
01
3
NUMBER of 150
 LOADS
5
24
0.14
0.1
0.06
0.02
VS=±12V
VS=±6V
10M
100
1K
100K
1M
100M
FREQUENCY (Hz)
100K
1K
1M
10K
10K
10M
40
-320
-120
-280
-40
-200
0
-160
-80
-240
PHASE
GAIN
0.12
0.1
0.06
0.04
0.02
0
NUMBER of 150
 LOADS
0
135
24
0.08
VS=±12V
VS=±6V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com