Electronic Components Datasheet Search
  English  ▼

X  

EL1510CSZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL1510CSZ
Description  Medium Power Differential Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1510CSZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL1510CSZ Datasheet HTML 1Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 2Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 3Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 4Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 5Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 6Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 7Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 8Page - Renesas Technology Corp EL1510CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN7122 Rev 2.00
Page 1 of 10
March 26, 2007
FN7122
Rev 2.00
March 26, 2007
EL1510
Medium Power Differential Line Driver
DATASHEET
The EL1510 is a dual operational amplifier designed for
central office and customer premise line driving in both
SDSL and ADSL solutions. This device features a high drive
capability of 250mA while consuming only 7.5mA of supply
current per amplifier, operating from ±12V supplies. This
driver achieves a typical distortion of less than -85dBc, at
150kHz into a 25
 load. The EL1510 is available in the
power 8 Ld DFN package and is specified for operation over
the full -40°C to +85°C temperature range. The DFN
package has the potential for a very low junction to ambient
thermal resistance of 43°C/W, making it suitable for high
power applications. The EL1510 is in the 8 Ld SOIC
package and thus is limited to applications where the power
dissipation in the device is less than 781mW.
The EL1510 is ideal for CPE modem applications in ADSL,
HDSL2, G.SHDSL, and VDSL.
Pinouts
EL1510
(8 LD SOIC)
TOP VIEW
EL1510
(8 LD DFN)
TOP VIEW
Features
•40VP-P differential output drive into 100
• -85dBc typical driver output distortion at full output at
150kHz
• Low quiescent current of 7.5mA per amplifier
• Pb-free plus anneal available (RoHS compliant)
Applications
• ADSL G.lite CO line driving
• G.SHDSL, HDSL2 line drivers
• ADSL full rate CPE line driving
• Video distribution amplifiers
• Video twisted-pair line drivers
1
2
3
4
8
7
6
5
-
+
INB-
OUTB
INA-
INA+
GND
INB+
VS
OUTA
-
+
8
7
6
5
1
2
3
4
OUTA
GND
INA+
INA-
VS
INB+
INB-
OUTB
-
+
-
+
Amp A
Amp B
Ordering Information
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
EL1510CS
1510CS
-
8 Ld SOIC
MDP0027
EL1510CS-T7
1510CS
7”
8 Ld SOIC
MDP0027
EL1510CS-T13
1510CS
13”
8 Ld SOIC
MDP0027
EL1510CSZ
(See Note)
1510CSZ
-
8 Ld SOIC
(Pb-Free)
MDP0027
EL1510CSZ-T7
(See Note)
1510CSZ
7”
8 Ld SOIC
(Pb-Free)
MDP0027
EL1510CSZ-T13
(See Note)
1510CSZ
13”
8 Ld SOIC
(Pb-Free)
MDP0027
EL1510CL
1510CL
-
8 Ld DFN
MDP0047
EL1510CL-T7
1510CL
7”
8 Ld DFN
MDP0047
EL1510CL-T13
1510CL
13”
8 Ld DFN
MDP0047
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020C.


Similar Part No. - EL1510CSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1510CSZ INTERSIL-EL1510CSZ Datasheet
227Kb / 10P
Medium Power Differential Line Driver
March 26, 2007
EL1510CSZ-T13 INTERSIL-EL1510CSZ-T13 Datasheet
227Kb / 10P
Medium Power Differential Line Driver
March 26, 2007
EL1510CSZ-T7 INTERSIL-EL1510CSZ-T7 Datasheet
227Kb / 10P
Medium Power Differential Line Driver
March 26, 2007
More results

Similar Description - EL1510CSZ

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1507C ELANTEC-EL1507C Datasheet
151Kb / 2P
Medium Power Differential Line Driver
EL1509C ELANTEC-EL1509C Datasheet
149Kb / 2P
Medium Power Differential Line Driver
logo
Intersil Corporation
EL1519 INTERSIL-EL1519 Datasheet
98Kb / 2P
Medium Power Differential Line Driver
July 26, 2004
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
Medium Power Differential Line Driver
June 24, 2004
EL1511 INTERSIL-EL1511 Datasheet
73Kb / 2P
Medium Power Differential Line Driver
February 10, 2005
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
Medium Power Differential Line Driver
March 26, 2007
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
Medium Power Differential Line Driver
EL1506 INTERSIL-EL1506_05 Datasheet
47Kb / 2P
Medium Power Differential Line Driver
April 18, 2005
EL1510 INTERSIL-EL1510 Datasheet
227Kb / 10P
Medium Power Differential Line Driver
March 26, 2007
logo
Renesas Technology Corp
EL1509 RENESAS-EL1509 Datasheet
525Kb / 10P
Medium Power Differential Line Driver
March 26, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com