Electronic Components Datasheet Search
  English  ▼

X  

RC32012A Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # RC32012A
Description  FemtoClock Jitter Attenuator and Clock Generator
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC32012A Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button RC32012A Datasheet HTML 55Page - Renesas Technology Corp RC32012A Datasheet HTML 56Page - Renesas Technology Corp RC32012A Datasheet HTML 57Page - Renesas Technology Corp RC32012A Datasheet HTML 58Page - Renesas Technology Corp RC32012A Datasheet HTML 59Page - Renesas Technology Corp RC32012A Datasheet HTML 60Page - Renesas Technology Corp RC32012A Datasheet HTML 61Page - Renesas Technology Corp RC32012A Datasheet HTML 62Page - Renesas Technology Corp RC32012A Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
R31DS0078EU0103 Rev.1.03
Page 59
Sep 15, 2022
RC32012A Datasheet
Figure 21. LVCMOS Driver to XTAL Input Interface
Figure 22 shows an example of the interface diagram for an LVPECL driver. This is a standard LVPECL
termination with one side of the driver feeding the XTAL_IN input. It is recommended that all components in the
schematics be placed in the layout. Though some components may not be used, they can be used for debugging
purposes. The datasheet specifications are characterized and guaranteed using a quartz crystal as the input.
Figure 22. LVPECL Driver to XTAL Input Interface
5.4
Wiring the Differential Input to Accept Single-Ended Levels
For information, see Differential Input to Accept Single-ended Levels Application Note (AN-836).
5.5
Differential Output Termination
For all types of differential protocols, the same termination schemes are recommended (see Figure 23 and
Figure 24). These schemes are the same as normally used for an LVDS output type.
The recommended value for the termination impedance (ZT) is between 90Ω and 132Ω. The actual value should
be selected to match the differential impedance (ZDiff) of your transmission line. A typical point-to-point LVDS
design uses a 100Ω parallel resistor at the receiver and a 100Ω differential transmission-line environment. To
avoid any transmission-line reflection issues, the components should be surface-mounted and must be placed as
close to the receiver as possible.
LVCMOS_Driver
Zo = 50
Ω
RS
Zo = Ro + Rs
Ro
R2
100
R1
100
VCC
OSCO
OSCI
C1
0.1
μF
LVPECL_Driver
Zo = 50
Ω
R2
50
R3
50
C2
0.1
μF
OSCO
OSCI
Zo = 50
Ω
R1
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com