Electronic Components Datasheet Search
  English  ▼

X  

RC32012A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RC32012A
Description  FemtoClock Jitter Attenuator and Clock Generator
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC32012A Datasheet(HTML) 1 Page - Renesas Technology Corp

  RC32012A Datasheet HTML 1Page - Renesas Technology Corp RC32012A Datasheet HTML 2Page - Renesas Technology Corp RC32012A Datasheet HTML 3Page - Renesas Technology Corp RC32012A Datasheet HTML 4Page - Renesas Technology Corp RC32012A Datasheet HTML 5Page - Renesas Technology Corp RC32012A Datasheet HTML 6Page - Renesas Technology Corp RC32012A Datasheet HTML 7Page - Renesas Technology Corp RC32012A Datasheet HTML 8Page - Renesas Technology Corp RC32012A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Datasheet
R31DS0078EU0103 Rev.1.03
Page 1
Sep 15, 2022
© 2021-2022 Renesas Electronics
The RC32012A is a fully integrated, low-power, high-
performance jitter attenuator and clock generator. The
device supports JEDEC JESD204B/C for converter
synchronization and SyncE for network-based
synchronization.
The RC32012A is ideal for providing reference clocks
for high-speed serial links up to 28Gbps Ethernet in
modular switch line cards and fabric cards in data
center equipment, and for clocking data converters in
small cell wireless equipment. The device is a
member of Renesas' high-performance FemtoClock
family and radio clock family.
Applications
▪ Switches / Routers
▪ Jitter attenuation for 10 / 25 / 40 / 100 / 200 / 400
Gbps Ethernet PHYs in Switch Line Cards
▪ Clock generation for 10 /25 / 40 / 100 / 200 / 400
Gbps Ethernet PHYs in Switch Fabric Cards
▪ Small Cell for 4.5G and 5G
▪ Medical Imaging
▪ Professional Audio and Video
Product Options
▪ 10 × 10 × 0.9 mm 72-QFN package
▪ 12 differential or 24 single-ended outputs
Features
▪ Can be configured as clock generator or jitter
attenuator/synchronizer
▪ Low power, less than 1.2W typical
▪ Low jitter, less than 100 fs-RMS
▪ Compliant with ITU-T G.8262 and G.8262.1
option 1 and 2 for synchronous Ethernet
Equipment Clock (EEC/eEEC) without degrading
output jitter
▪ PCIe Gen 1-6 CC, SRIS and SRNS support
▪ Jitter attenuation with programmable loop
bandwidth from 0.1Hz to 12kHz
▪ Up to four fractional output dividers and 12 integer
output dividers
• Each fractional output divider can be slaved with
DPLL or SYS-DPLL or free-run locked to APLL
▪ DPLL can be configured as DCO and each
fractional output divider can be configured as NCO
or DCO
▪ Combo bus allows frequency sharing between
DPLL, System DPLL, and each of the four
fractional output dividers
▪ LVCMOS, LVPECL, LVDS, HCSL, CML, SSTL,
HSTL output modes supported with programmable
output swing and common mode voltage
▪ JESD204B/C support on differential or single
ended outputs with DC-coupling or AC-coupling
▪ Up to seven single-ended or two differential clock
inputs, one crystal/XO input, and one
XO/TCXO/OCXO input
▪ Up to nine GPIO pins programmable to device
select or system monitor options
▪ Supports 1MHz I2C, 400kHz SMBus, or 50MHz
SPI serial port
▪ Internal non-volatile memory (up to 16 different
configurations), or external serial I2C EEPROM
provide default device settings on power-up.
▪ 2.5V and 3.3V core and 1.8V, 2.5V, and 3.3V
output operation
▪ -40° to +85°C industrial temperature operation
RC32012A
FemtoClock Jitter Attenuator and Clock Generator


Similar Part No. - RC32012A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC32012A-001 RENESAS-RC32012A-001 Datasheet
233Kb / 5P
RC32012A-001 Custom Configuration
Aug 27, 2021
More results

Similar Description - RC32012A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V19N472 RENESAS-8V19N472 Datasheet
1Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 7, 2017
8V19N474 RENESAS-8V19N474 Datasheet
1Mb / 65P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N490-19 RENESAS-8V19N490-19 Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 27, 2017
8V19N490 RENESAS-8V19N490 Datasheet
1Mb / 84P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 26, 2017
8V19N490B RENESAS-8V19N490B Datasheet
2Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 18, 2021
8V19N491-36 RENESAS-8V19N491-36 Datasheet
2Mb / 76P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 5, 2020
8V19N492 RENESAS-8V19N492 Datasheet
2Mb / 77P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 10, 2022
8V44N4614 RENESAS-8V44N4614 Datasheet
943Kb / 32P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
02/25/15
RC32112A RENESAS-RC32112A Datasheet
2Mb / 65P
FemtoClock Jitter Attenuator and Clock Generator
Oct 3, 2022
RC32508A RENESAS-RC32508A Datasheet
1Mb / 38P
FemtoClock 2 Jitter Attenuator and Clock Generator
Sep 23, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com