Electronic Components Datasheet Search
  English  ▼

X  

RC32012A Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # RC32012A
Description  FemtoClock Jitter Attenuator and Clock Generator
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC32012A Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button RC32012A Datasheet HTML 18Page - Renesas Technology Corp RC32012A Datasheet HTML 19Page - Renesas Technology Corp RC32012A Datasheet HTML 20Page - Renesas Technology Corp RC32012A Datasheet HTML 21Page - Renesas Technology Corp RC32012A Datasheet HTML 22Page - Renesas Technology Corp RC32012A Datasheet HTML 23Page - Renesas Technology Corp RC32012A Datasheet HTML 24Page - Renesas Technology Corp RC32012A Datasheet HTML 25Page - Renesas Technology Corp RC32012A Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
R31DS0078EU0103 Rev.1.03
Page 22
Sep 15, 2022
RC32012A Datasheet
tSK(B)
Output-to-Output Skew
within a Bank[12]
Bank 1:
Q0/nQ0(FOD4),
Q1/nQ1(FOD4),
Q2/nQ2(FOD4),
Q3/nQ3(FOD2),
Q8/nQ8(FOD5),
Q9/nQ9(FOD2)
Differenti
al[9]
VDDO_Qx = 3.3V ±5%
30
65
ps
VDDO_Qx = 2.5V ±5%
30
72
VDDO_Qx = 1.8V ±5%
LVCMOS
[10]
VDDO_Qx = 3.3V ±5%
75
150
VDDO_Qx = 2.5V ±5%
VDDO_Qx = 1.8V ±5%
Bank 2:
Q4/nQ4(FOD0),
Q10/nQ10(FOD0)
Differenti
al[9]
VDDO_Qx = 3.3V ±5%
22
50
ps
VDDO_Qx = 2.5V ±5%
VDDO_Qx = 1.8V ±5%
LVCMOS
[10][11]
VDDO_Qx = 3.3V ±5%
45
130
VDDO_Qx = 2.5V ±5%
VDDO_Qx = 1.8V ±5%
Bank 3:
Q5/nQ5(FOD0),
Q6/nQ6(FOD7),
Q7/nQ7(FOD7),
Q11/nQ11(FOD7)
Differenti
al[9]
VDDO_Qx = 3.3V ±5%
35
90
ps
VDDO_Qx = 2.5V ±5%
VDDO_Qx = 1.8V ±5%
LVCMOS
[10][11]
VDDO_Qx = 3.3V ±5%
55
130
VDDO_Qx = 2.5V ±5%
VDDO_Qx = 1.8V ±5%
55
160
tSK
Temperature Variation[13]
Output-Output
4
ps/C
tALIGN
Input - Output Alignment
Variation[14]
Delay variation as shown in Figure 6 for any
CLK/CLKn input pair to any Q/Qn output pair in
differential mode when using internal loopback.
-500
500
ps
tALIGN
Temperature Variation[13]
Input-Output
4
ps/C
Table 18. AC Characteristics[1][2] (Cont.)
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com